Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW1244 Datasheet (PDF) - CellWise Microelectronics

CW1244 Datasheet PDF - CellWise Microelectronics
Part # CW1244
Download  CW1244 Download
File Size   745.99 Kbytes
Page   17 Pages
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics
Description Li-Ion/Polymer Battery Pack Protection IC

CW1244 Datasheet (PDF)

Go To PDF Page Download Datasheet
CW1244 Datasheet PDF - CellWise Microelectronics

Part # CW1244
Download  CW1244 Click to download

File Size   745.99 Kbytes
Page   17 Pages
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics
Description Li-Ion/Polymer Battery Pack Protection IC

CW1244 Datasheet (HTML) - CellWise Microelectronics


CW1244 Product details

Features
 Overcharge protection
• Threshold range: 3.650V, 3.850V, 4.175V–4.375V;
25mV steps, ±25mV accuracy
 Over-discharge protection
• Threshold range: 2.300V–2.800V; 100mV steps,
±30mV accuracy
 Discharge overcurrent protection
• Overcurrent detection 1
Threshold range: 0.050V–0.100V, ±5mV accuracy
• Overcurrent detection 2
Threshold range: 0.100V–0.200V, ±10mV accuracy
• Short-circuit protection
Threshold range: 0.200V–0.500V, ±20mV accuracy
 Charge overcurrent protection
• Threshold range: -0.010V to -0.050V, ±5mV accuracy
 Temperature detection function
• High/low-temperature protection for charging and discharging;
protection thresholds externally configurable
 Cell balancing function
 Open-wire detection function
 Load detection function
 Low power consumption design
• Active mode: 20µA (25°C)
• Sleep mode: 5µA (25°C)
 Package: SSOP16

Applications
 Robot vacuums
 Power tools
 Backup power supplies
 Li-ion and Li-polymer battery packs

General Description
The CW1244 series is a highly integrated protection IC designed for 3- or 4-cell Li-ion or Li-polymer battery packs. It provides protection against overcharge, over-discharge, charge/discharge overcurrent, wire breakage, and charge/discharge over-temperature, as well as cell balancing functionality.




Similar Part No. - CW1244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CW12010T0050GBK NXP-CW12010T0050GBK Datasheet
346Kb / 9P
RF Power GaN Transistor
Rev. 1, 01/2021
CW12010T0050GBK NXP-CW12010T0050GBK Datasheet
255Kb / 8P
RF Power LDMOS Transistor
Rev. 0, 02/2019
CW12010T0050GBK NXP-CW12010T0050GBK Datasheet
254Kb / 8P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 02/2019
CW12010T0050GBK NXP-CW12010T0050GBK Datasheet
388Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 7/2016
logo
Powerbox
CW1251M POWERBOX-CW1251M Datasheet
261Kb / 5P
800-2500VA PROGRAMMABLE AC POWER SERIES
More results


Similar Description - CW1244

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3721 MITSUMI-MM3721 Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MD1421EXXCPAL MITSUMI-MD1421EXXCPAL Datasheet
48Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
ME01 MITSUMI-ME01 Datasheet
54Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3722 MITSUMI-MM3722 Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3724 MITSUMI-MM3724 Datasheet
48Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
Dual-cell Li-ion/Li-polymer battery protection IC
HM5416 HMSEMI-HM5416 Datasheet
2Mb / 26P
1 Li-ion/Li-polymer battery protection IC
HM5413 HMSEMI-HM5413 Datasheet
2Mb / 22P
1 Li-ion/Li-polymer battery protection IC
HM5411 HMSEMI-HM5411 Datasheet
1Mb / 14P
1 Li-ion/Li-polymer battery protection IC
HM5410 HMSEMI-HM5410 Datasheet
1Mb / 12P
1 Li-ion/Li-polymer battery protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com