Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4372 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW4372 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW4372
Download  NJW4372 Download
File Size   481.58 Kbytes
Page   17 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description PULSE INPUT STEPPER MOTOR DRIVER

NJW4372 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4372 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW4372
Download  NJW4372 Click to download

File Size   481.58 Kbytes
Page   17 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description PULSE INPUT STEPPER MOTOR DRIVER

NJW4372 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW4372 Product details

FEATURES
Logic Supply Voltage VDD=2.7V to 5.5V
Motor Supply Voltage VMM=9V to 36V
Output Current Io=500mA typ.
Low ON Resistance Output RO(H+L) = 0.8Ω typ.
Low Quiescent Current IDD=0.75mA typ. / IMM=1.65mA typ.
STEP&DIR (pulse train) Input Control
TTL Compatible Input
Constant Current Control
Maximum Current Select (Torque Select) Function
Step Mode (Full / Half step) Select, ENABLE, RESET Function
BRAKE (High side outputs turn on) Function
MO, ALARM Output Function
Protection Circuit OCP, UVLO, TSD
BCD Technology
Package SSOP32




Similar Part No. - NJW4372

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4372 NJRC-NJW4372 Datasheet
226Kb / 1P
Pulse Input Stepper Motor Driver
NJW4372L NJRC-NJW4372L Datasheet
226Kb / 1P
Pulse Input Stepper Motor Driver
NJW4372V NJRC-NJW4372V Datasheet
226Kb / 1P
Pulse Input Stepper Motor Driver
More results


Similar Description - NJW4372

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
New Japan Radio
NJU26040-07A NJRC-NJU26040-07A Datasheet
192Kb / 10P
Pulse Input Bipolar Stepper Motor Driver
NJU7384 NJRC-NJU7384 Datasheet
192Kb / 10P
Pulse Input Bipolar Stepper Motor Driver
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
New Japan Radio
NJW4372 NJRC-NJW4372 Datasheet
226Kb / 1P
Pulse Input Stepper Motor Driver
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com