Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS78XXA Datasheet (PDF) - Diodes Incorporated

AS78XXA Datasheet PDF - Diodes Incorporated
Part # AS78XXA_V01
Download  AS78XXA Download
File Size   1171.32 Kbytes
Page   28 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR

AS78XXA Datasheet (PDF)

Go To PDF Page Download Datasheet
AS78XXA Datasheet PDF - Diodes Incorporated

Part # AS78XXA_V01
Download  AS78XXA Click to download

File Size   1171.32 Kbytes
Page   28 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR

AS78XXA Datasheet (HTML) - Diodes Incorporated


AS78XXA Product details

Description
The DIODES™ AS78XXA series are three-terminal positive voltage regulators designed for a wide variety of applications including local, on-card regulation.
The AS78XXA are complete with internal current limiting, thermal shutdown protection, and safe-area compensation which make them virtually immune from output overload. If adequate heat sinking is provided, these regulators can deliver output currents of up to 1A.
The AS78XXA are available in TO-252-2 (3), TO-252-2 (4), TO-252-2 (5), TO-220-3, TO-220-3 (2), and TO-220F-3 packages.

Applications
 High-efficiency linear regulators
 Post regulation for switching supplies
 Microprocessor power supplies
 Motherboards

Features
 Output Current up to 1A
 Fixed Output Voltages of 5V, 6V, 8V, 9V, 12V, 15V, and 18V
 Output Voltage Accuracy of ±4% over the Full Temperature Range
 Internal Short-Circuit Current Limiting
 Internal Thermal Overload Protection
 Output Transistor Safe-area Protection
 Low Load Regulation
 Stable Performance in High Temperature
 TO-220-3, TO-220-3 (2) and TO-220F-3
 Lead-Free Finish; RoHS Compliant (Notes 1 & 3)
 Lead-Free Packages: TO-252-2 (3), TO-252-2 (4), TO-252-2 (5)
 Totally Lead-Free; RoHS Compliant (Notes 2 & 3)
 Available in “Green” Packages: TO-220-3, TO-220-3 (2) and TO-220F-3
 Lead-Free Finish; RoHS Compliant (Notes 1 & 3)
 Halogen and Antimony Free. “Green” Device (Note 4)
 Lead-Free Packages, Available in “Green” Molding Compound: TO-252-2 (3), TO-252-2 (4), TO-252-2 (5)
 Totally Lead-Free & Fully RoHS Compliant (Notes 2 & 3)
 Halogen and Antimony Free. “Green” Device (Note 4)
 For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative. https://www.diodes.com/quality/product-definitions/




Similar Part No. - AS78XXA_V01

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78XXA BCDSEMI-AS78XXA Datasheet
1,011Kb / 23P
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78XXA DIODES-AS78XXA Datasheet
731Kb / 27P
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Rev 5
More results


Similar Description - AS78XXA_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com