Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8SLVD1212 Datasheet (PDF) - Renesas Technology Corp

8SLVD1212 Datasheet PDF - Renesas Technology Corp
Part # 8SLVD1212
Download  8SLVD1212 Download
File Size   2087.89 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:12, LVDS Output Fanout

8SLVD1212 Datasheet (PDF)

Go To PDF Page Download Datasheet
8SLVD1212 Datasheet PDF - Renesas Technology Corp

Part # 8SLVD1212
Download  8SLVD1212 Click to download

File Size   2087.89 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:12, LVDS Output Fanout

8SLVD1212 Datasheet (HTML) - Renesas Technology Corp


8SLVD1212 Product details

▪ Twelve low skew, low additive jitter LVDS output pairs
▪ Two selectable, differential clock input pairs
▪ Differential PCLK, nPCLK pairs can accept the following
differential input levels: LVDS, LVPECL, CML
▪ Maximum input clock frequency: 2GHz (maximum)
▪ LVCMOS/LVTTL interface levels for the control input select pins
▪ Output skew: 40ps (maximum)
▪ Propagation delay: 310ps (typical)
▪ Low additive phase jitter, RMS; fREF = 156.25MHz,
10kHz to 20MHz: 77fs (typical)
▪ Device current consumption (IDD): 213mA (maximum)
▪ 2.5V supply voltage
▪ Lead-free (RoHS 6), 6 6 mm, 40-VFQFN packaging
▪ -40°C to 85°C ambient operating temperature




Similar Part No. - 8SLVD1212

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVD1212 IDT-8SLVD1212 Datasheet
655Kb / 21P
Maximum device current consumption
8SLVD1212 IDT-8SLVD1212 Datasheet
555Kb / 21P
1:12, LVDS Output Fanout Buffer
8SLVD1212 IDT-8SLVD1212 Datasheet
500Kb / 20P
1:12, LVDS Output Fanout Buffer
logo
Renesas Technology Corp
8SLVD1212 RENESAS-8SLVD1212 Datasheet
2Mb / 20P
1:12, LVDS Output Fanout
February 2, 2021
logo
Integrated Device Techn...
8SLVD1212ANLGI IDT-8SLVD1212ANLGI Datasheet
500Kb / 20P
1:12, LVDS Output Fanout Buffer
More results


Similar Description - 8SLVD1212

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVD1212 IDT-8SLVD1212_16 Datasheet
555Kb / 21P
1:12, LVDS Output Fanout Buffer
8SLVD2102 IDT-8SLVD2102 Datasheet
357Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
IDT8P34S1212I IDT-IDT8P34S1212I_17 Datasheet
443Kb / 19P
1:12 LVDS Output 1.8V Fanout Buffer
8P34S2102 IDT-8P34S2102_17 Datasheet
423Kb / 17P
Dual 1:2 LVDS Output 1.8V Fanout
8SLVD1212 IDT-8SLVD1212_17 Datasheet
500Kb / 20P
1:12, LVDS Output Fanout Buffer
8SLVD2102 IDT-8SLVD2102_18 Datasheet
386Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
logo
Diodes Incorporated
PI6C5921512 DIODES-PI6C5921512 Datasheet
1Mb / 14P
12 Output LVDS Fanout Buffer
Rev 1-2
logo
Renesas Technology Corp
8SLVD1212 RENESAS-8SLVD1212 Datasheet
2Mb / 20P
1:12, LVDS Output Fanout
February 2, 2021
IDT8SLVD1208-33I RENESAS-IDT8SLVD1208-33I Datasheet
747Kb / 22P
1:8, LVDS Output Fanout Buffer
FEBRUARY 12, 2014
IDT8SLVD1208I RENESAS-IDT8SLVD1208I Datasheet
656Kb / 21P
1:8, LVDS Output Fanout Buffer
MAY 1, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com