Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3027480 Datasheet (PDF) - Pro-Power

3027480 Datasheet PDF - Pro-Power
Part # 3027480
Download  3027480 Download
File Size   121.8 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Lap Screened Audio Cable Twin Figure-8

3027480 Datasheet (PDF)

Go To PDF Page Download Datasheet
3027480 Datasheet PDF - Pro-Power

Part # 3027480
Download  3027480 Click to download

File Size   121.8 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Lap Screened Audio Cable Twin Figure-8

3027480 Datasheet (HTML) - Pro-Power


3027480 Product details

Feature:
• Ten strands of 0.1 mm (0.22 mm2) plain annealed copper conductors
insulated with PVC compound type T12 to BS6746. Individually lap screened,
two cores laid side by side and sheathed overall in grey PVC giving a flat
figure '8' section




Similar Part No. - 3027480

ManufacturerPart #DatasheetDescription
logo
Pro-Power
3027429 PROPOWER-3027429 Datasheet
146Kb / 1P
Twin ‘Figure-8’ Individually Lap Screened Audio Cable
V1.0 12/03/13
3027454 PROPOWER-3027454 Datasheet
171Kb / 2P
Concordia Cables
28/04/12 V1.1
3027466 PROPOWER-3027466 Datasheet
164Kb / 1P
Twin ‘Figure-8’ Individually Lap Screened Audio Cable
V1.0 12/03/13
3027478 PROPOWER-3027478 Datasheet
89Kb / 1P
Twin Figure-8
05/07/11 V1.1
More results


Similar Description - 3027480

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SL8800 3M-SL8800 Datasheet
1Mb / 2P
3M Twin Axial Cable
Dec-2005
logo
List of Unclassifed Man...
PP001161 ETC2-PP001161 Datasheet
151Kb / 1P
LSZH 300V Screened Single Pair Instrumentation, Data and Audio Cable
logo
Keysight Technologies
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
Noise Figure
logo
Schurter Inc.
4832.1200 SCHURTER-4832.1200_20 Datasheet
231Kb / 2P
, solder terminal, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4831.2200 SCHURTER-4831.2200_20 Datasheet
287Kb / 2P
, solder terminal, screened, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1300 SCHURTER-4831.1300_20 Datasheet
224Kb / 2P
, solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
4832.2220 SCHURTER-4832.2220_V01 Datasheet
288Kb / 2P
, PCB terminals, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4833.2200 SCHURTER-4833.2200 Datasheet
284Kb / 2P
, solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
logo
3M Electronics
SL8800 3M-SL8800_V01 Datasheet
421Kb / 3P
3M™ Twin Axial Cable
2011
logo
Schurter Inc.
4832.2211 SCHURTER-4832.2211_V02 Datasheet
285Kb / 2P
, solder terminal, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com