Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

711380 Datasheet (PDF) - Pro-Power

711380 Datasheet PDF - Pro-Power
Part # 711380
Download  711380 Download
File Size   216.95 Kbytes
Page   3 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Multicore Cables Sub Miniature - Screened

711380 Datasheet (PDF)

Go To PDF Page Download Datasheet
711380 Datasheet PDF - Pro-Power

Part # 711380
Download  711380 Click to download

File Size   216.95 Kbytes
Page   3 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Multicore Cables Sub Miniature - Screened

711380 Datasheet (HTML) - Pro-Power


711380 Product details

Features:
These standard, sub-miniature cables are manufactured to Ministry of Defence, Defence standard 61-12 Part 4 (for sub-miniature
sizes).
The cores have tinned conductors of high conductivity annealed copper insulated with PVC compound to BS6746 type 2. The screen
is of braid construction conductivity tinned annealed copper wire. The fill factor of density of braid as defined in Def 61-12 parts 4 is
not less than 0.70 for C type.
These multicore flexible cables are designed for high density wiring between components and within instruments and electronic
equipment. They are extensively used in aircraft, avionic control systems, computers, data processors, process control systems,
military vehicles and ancillary military equipment. Because of the mechanical design of these cables they should not be used for
direct connection of equipment to mains power supplies.




Similar Part No. - 711380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7113 ETC1-7113 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Connor-Winfield Corpora...
7113 CONNOR-WINFIELD-7113 Datasheet
168Kb / 2P
3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
7113-050.0M CONNOR-WINFIELD-7113-050.0M Datasheet
168Kb / 2P
3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
logo
Bourns Electronic Solut...
7113-RC BOURNS-7113-RC Datasheet
89Kb / 1P
Common Mode EMI Chokes
7113-RC BOURNS-7113-RC Datasheet
55Kb / 1P
Common Mode EMI Chokes
More results


Similar Description - 711380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAR605SU ETC2-SAR605SU Datasheet
629Kb / 2P
miniature fully screened, open frame
logo
Cynergy3 Co
FRS12000 CYNERGY3-FRS12000 Datasheet
552Kb / 2P
miniature screened 2 kV, 5A
TAR212SM CYNERGY3-TAR212SM Datasheet
663Kb / 2P
Miniature Screened 0.5A, 1.5kV 2 Series
SAR605SU CYNERGY3-SAR605SU Datasheet
674Kb / 2P
miniature fully screened, open frame
FRS12030 CYNERGY3-FRS12030 Datasheet
599Kb / 2P
FRS12000 miniature screened
logo
List of Unclassifed Man...
PD1015 ETC2-PD1015 Datasheet
129Kb / 1P
Twisted Multipair Cables Screened
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
P2041NXE1MMB multicore processors
logo
Cynergy3 Co
SAR405SD CYNERGY3-SAR405SD Datasheet
636Kb / 2P
miniature screened, open frame
SAR412SD CYNERGY3-SAR412SD Datasheet
636Kb / 2P
miniature screened, open frame
SAR405SU CYNERGY3-SAR405SU Datasheet
310Kb / 2P
miniature screened, open frame 3.5 kV, 3.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com