Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-M67D Datasheet (PDF) - ams-OSRAM AG

LB-M67D Datasheet PDF - ams-OSRAM AG
Part # LB-M67D
Download  LB-M67D Download
File Size   1723.89 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Mini TOPLED™

LB-M67D Datasheet (PDF)

Go To PDF Page Download Datasheet
LB-M67D Datasheet PDF - ams-OSRAM AG

Part # LB-M67D
Download  LB-M67D Click to download

File Size   1723.89 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Mini TOPLED™

LB-M67D Datasheet (HTML) - ams-OSRAM AG


LB-M67D Product details

Applications
- Functional Illumination
Features
- Package: white SMT package, colorless clear resin
- Chip technology: ThinGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 473 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LB-M67D

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-M673 OSRAM-LB-M673 Datasheet
590Kb / 21P
white SMT package, colorless clear resin
logo
ams-OSRAM AG
LB-M673 AMSOSRAM-LB-M673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
logo
OSRAM GmbH
LB-M676 OSRAM-LB-M676 Datasheet
502Kb / 15P
white SMT package, colorless clear resin
More results


Similar Description - LB-M67D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM670 SIEMENS-LSM670 Datasheet
49Kb / 8P
Mini TOPLED
logo
OSRAM GmbH
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
Mini TOPLED
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
Mini TOPLED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com