Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-Y8SG Datasheet (PDF) - ams-OSRAM AG

LB-Y8SG Datasheet PDF - ams-OSRAM AG
Part # LB-Y8SG
Download  LB-Y8SG Download
File Size   1800.5 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Micro SIDELED® 3010

LB-Y8SG Datasheet (PDF)

Go To PDF Page Download Datasheet
LB-Y8SG Datasheet PDF - ams-OSRAM AG

Part # LB-Y8SG
Download  LB-Y8SG Click to download

File Size   1800.5 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Micro SIDELED® 3010

LB-Y8SG Datasheet (HTML) - ams-OSRAM AG


LB-Y8SG Product details

Applications
- Access Control & Security
- Appliances & Tools
- Computing
- Display Backlighting
- Factory Automation
- Home & Building Automation
- Material Processing
- Projection & Display
- Robotics
- Smart Surface
- Visualization
Features
- Package: white SMT package, colorless clear resin
- Chip technology: ThinGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 470 nm (● blue)
- Optical efficacy: 21 lm/W
- Corrosion Robustness Class: 1B





Similar Part No. - LB-Y8SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
white SMT package, colorless clear resin
More results


Similar Description - LB-Y8SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-Y876-Q2S1-1-Z OSRAM-LS-Y876-Q2S1-1-Z Datasheet
501Kb / 20P
Micro SIDELED 3010
LW-Y87C-T1U1-3K8L OSRAM-LW-Y87C-T1U1-3K8L Datasheet
607Kb / 22P
Micro SIDELED 3010
LY-Y876-Q2T1-26-Z OSRAM-LY-Y876-Q2T1-26-Z Datasheet
504Kb / 20P
Micro SIDELED 3010
LTY8SG OSRAM-LTY8SG Datasheet
536Kb / 21P
Micro SIDELED 3010
LSY876 OSRAM-LSY876_14 Datasheet
501Kb / 20P
Micro SIDELED 3010
LTY87S OSRAM-LTY87S_17 Datasheet
590Kb / 21P
Micro SIDELED 3010
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
Micro SIDELED 3010
logo
ams AG
LOA67B AMSCO-LOA67B Datasheet
1Mb / 23P
SIDELED®
Version 1.2 2019-07-16
LGA676 AMSCO-LGA676 Datasheet
1Mb / 21P
SIDELED®
Version 1.3 2019-07-16
LGA67K AMSCO-LGA67K Datasheet
1Mb / 24P
SIDELED®
Version 1.5 2022-08-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com