Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB-P4SD Datasheet (PDF) - ams-OSRAM AG

LCB-P4SD Datasheet PDF - ams-OSRAM AG
Part # LCB-P4SD
Download  LCB-P4SD Download
File Size   1959.85 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description PointLED®

LCB-P4SD Datasheet (PDF)

Go To PDF Page Download Datasheet
LCB-P4SD Datasheet PDF - ams-OSRAM AG

Part # LCB-P4SD
Download  LCB-P4SD Click to download

File Size   1959.85 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description PointLED®

LCB-P4SD Datasheet (HTML) - ams-OSRAM AG


LCB-P4SD Product details

Applications
- Display Backlighting
Features
- Package: white SMT package, colored diffused resin
- Chip technology: ThinGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.2, Cy = 0.3 acc. to CIE 1931 (● color on demand blue)
- Corrosion Robustness Class: 2B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LCB-P4SD

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCB-A6SG AMSOSRAM-LCB-A6SG Datasheet
1Mb / 24P
SIDELED®
Version 1.2 2020-06-01
logo
OSRAM GmbH
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
SMD ceramic package with silicone lens
logo
ams-OSRAM AG
LCB-CRBP AMSOSRAM-LCB-CRBP Datasheet
1Mb / 24P
OSLON® Signal
Version 1.10 2023-09-14
LCB-CRBP-01 AMSOSRAM-LCB-CRBP-01 Datasheet
2Mb / 24P
OSLON® Signal
Version 1.1 2023-02-01
LCB-G6SP AMSOSRAM-LCB-G6SP Datasheet
1Mb / 22P
Advanced Power TOPLED®
Version 1.2 2020-06-29
More results


Similar Description - LCB-P4SD

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
Hyper PointLED Hyper-Bright LED
LR-P47F-U2AB-1 OSRAM-LR-P47F-U2AB-1 Datasheet
564Kb / 22P
PointLED
LS-P47K-J1K2-1-Z OSRAM-LS-P47K-J1K2-1-Z Datasheet
517Kb / 20P
PointLED
LSP47F OSRAM-LSP47F_13 Datasheet
522Kb / 21P
PointLED
LSP47K OSRAM-LSP47K_14 Datasheet
517Kb / 20P
PointLED
LTP4SG OSRAM-LTP4SG Datasheet
597Kb / 22P
PointLED
LOP47F OSRAM-LOP47F Datasheet
525Kb / 22P
PointLED
logo
Advantech Co., Ltd.
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com