Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF-1261 Datasheet (PDF) - TOKYO KEISO CO.,LTD.

TF-1261 Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # TF-1261
Download  TF-1261 Download
File Size   833.65 Kbytes
Page   2 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description MINI THERMAL MASS FLOWMETER

TF-1261 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF-1261 Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # TF-1261
Download  TF-1261 Click to download

File Size   833.65 Kbytes
Page   2 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description MINI THERMAL MASS FLOWMETER

TF-1261 Datasheet (HTML) - TOKYO KEISO CO.,LTD.


TF-1261 Product details

FEATURES
❏ Lineup of product corresponding to mid to large diameter and
large flow rate measurement
Available in 25mm (1”) to 80mm (3”). This product can be used
in such wide fields as general process line, air and nitrogen gas
supply line etc.
❏ Measurement system
Thermal mass flow measurement can be made without being
influenced by the change in operating pressure and temperature.
❏ Simple and compact structure and easy maintenance
❏ Flow conditioner built-in. No straight run is required, and the piping
layout can be freely made.
❏ Whole quantity passage detection system, and pressure loss is
very small.
❑ Excellent in durability
Excellent durable sensor supported by old know-how is used.
❑ High speed response
High speed response - 90% within 1.2 second




Similar Part No. - TF-1261

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF-126801-S21 TRANSKO-TF-126801-S21 Datasheet
550Kb / 4P
Wireless, Balanced RF SAW Filter
Revision 0: September 2013
More results


Similar Description - TF-1261

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
16190 VICOR-16190 Datasheet
90Kb / 1P
THERMAL INTERFACE PAD, (MINI)
logo
Magnetrol International...
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
Thermal Dispersion Mass Flow Transmitter
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Taiyo Yuden (U.S.A.), I...
HMJ107BB7103KAHT TAIYO-YUDEN-HMJ107BB7103KAHT Datasheet
286Kb / 2P
Mass Production
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com