Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD6288T Datasheet (PDF) - Fortior Technology Co., Ltd.

FD6288T Datasheet PDF - Fortior Technology Co., Ltd.
Part # FD6288T
Download  FD6288T Download
File Size   657.22 Kbytes
Page   17 Pages
Manufacturer  FORTIORTECH [Fortior Technology Co., Ltd.]
Direct Link  https://www.fortiortech.com/en/
Logo FORTIORTECH - Fortior Technology Co., Ltd.
Description 3-PHASE BRIDGE DRIVER

FD6288T Datasheet (PDF)

Go To PDF Page Download Datasheet
FD6288T Datasheet PDF - Fortior Technology Co., Ltd.

Part # FD6288T
Download  FD6288T Click to download

File Size   657.22 Kbytes
Page   17 Pages
Manufacturer  FORTIORTECH [Fortior Technology Co., Ltd.]
Direct Link  https://www.fortiortech.com/en/
Logo FORTIORTECH - Fortior Technology Co., Ltd.
Description 3-PHASE BRIDGE DRIVER

FD6288T Datasheet (HTML) - Fortior Technology Co., Ltd.


FD6288T Product details

Description
FD6288T&Q is an integrated three-span
half-bridge gate driver IC designed for high
voltage, high speed drive MOSFETs that operate
up to +250V. The special HVIC technology can
realize stable monolithic structure. Logic inputs
are compatible with CMOS or LSTTL outputs,
and the logic voltage can be down to 3.3V. The
output driver has a high pulse current buffer stage,
which aims to achieve a minimum driver
impedance. Propagation delays are matched to
simplify use in high frequency applications.
Floating channel can be used to drive N-channel
power MOSFET with high-end configuration,
working voltage up to 250V.

Features
 Fully operational to +250V
 Gate driver supply range from 5V to 20V
 Independent Three half-bridge drivers
 3.3V/5V logic input compatible
 Undervoltage lockout for all channels
 Cross-conduction prevention logic
 Internal set dead-time
 Matched propagation delay for both channels
 Outputs in phase with inputs
 RoHS compliant

Applications
 Motor drives
 DC-AC inverter drives




Similar Part No. - FD6288T

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FD62003AF FS-FD62003AF Datasheet
259Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FD62003BF FS-FD62003BF Datasheet
170Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FD62003BP FS-FD62003BP Datasheet
170Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FD62083AF FS-FD62083AF Datasheet
266Kb / 7P
8 HIGH-VOLTAGE HIGH-CURRENT DARLINGTON
More results


Similar Description - FD6288T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
logo
International Rectifier
IRS2136D IRF-IRS2136D Datasheet
604Kb / 23P
3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
3-PHASE BRIDGE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com