Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF-2261T-A-4F40-R Datasheet (PDF) - TOKYO KEISO CO.,LTD.

TF-2261T-A-4F40-R Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # TF-2261T-A-4F40-R
Download  TF-2261T-A-4F40-R Download
File Size   125.22 Kbytes
Page   2 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description MINI THERMAL MASS FLOWMETER

TF-2261T-A-4F40-R Datasheet (PDF)

Go To PDF Page Download Datasheet
TF-2261T-A-4F40-R Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # TF-2261T-A-4F40-R
Download  TF-2261T-A-4F40-R Click to download

File Size   125.22 Kbytes
Page   2 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description MINI THERMAL MASS FLOWMETER

TF-2261T-A-4F40-R Datasheet (HTML) - TOKYO KEISO CO.,LTD.


TF-2261T-A-4F40-R Product details

■ FEATURES
❏ Wide range of process connection for high fl ow rate
Connections of 25mm to 80mm are available. They are useful
with the extensive use in Air and Nitrogen supply lines etc.
❏ Simultaneous indication of fl ow rate and totalization
Large two-line LCD is provided.
❏ Output of current, pulse and alarm functions are provided.
Remote indication, batch processing and safety operations are
achieved by one unit.
❏ Mass fl ow measurement
Flow measurement is not infl uenced by the change in pressure
and temperature.
❏ Excellent in durability
Excellently durable sensor supported by old know-how is used.
❏ Whole quantity passage detection system
Pressure loss is very small.
❏ High speed response
High pressure response - 90% within one second
❏ Selection up to six scale ranges can be made.
Up to 6 scale ranges can be preset using keys.




Similar Part No. - TF-2261T-A-4F40-R

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
TF-2211T KEISO-TF-2211T Datasheet
245Kb / 5P
ALL-IN-ONE MINI THERMAL MASS FLO
Mar 2018
TF-2221T KEISO-TF-2221T Datasheet
245Kb / 5P
ALL-IN-ONE MINI THERMAL MASS FLO
Mar 2018
logo
Transko Electronics, In...
TF-223001-S20 TRANSKO-TF-223001-S20 Datasheet
443Kb / 4P
Wireless, RF SAW Filter
Revision 0: July 2013
logo
TOKYO KEISO CO.,LTD.
TF-2231T KEISO-TF-2231T Datasheet
245Kb / 5P
ALL-IN-ONE MINI THERMAL MASS FLO
Mar 2018
TF-2241T KEISO-TF-2241T Datasheet
245Kb / 5P
ALL-IN-ONE MINI THERMAL MASS FLO
Mar 2018
More results


Similar Description - TF-2261T-A-4F40-R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
16190 VICOR-16190 Datasheet
90Kb / 1P
THERMAL INTERFACE PAD, (MINI)
logo
Magnetrol International...
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
Thermal Dispersion Mass Flow Transmitter
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Taiyo Yuden (U.S.A.), I...
HMJ107BB7103KAHT TAIYO-YUDEN-HMJ107BB7103KAHT Datasheet
286Kb / 2P
Mass Production
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com