Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-1201-50 Datasheet (PDF) - TOKYO KEISO CO.,LTD.

VC-1201-50 Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # VC-1201-50
Download  VC-1201-50 Download
File Size   122.39 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description V-CONE FLOWMETER

VC-1201-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
VC-1201-50 Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # VC-1201-50
Download  VC-1201-50 Click to download

File Size   122.39 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description V-CONE FLOWMETER

VC-1201-50 Datasheet (HTML) - TOKYO KEISO CO.,LTD.


VC-1201-50 Product details

FEATURES
❏ Wide application
V-cone flowmeter can measure almost all process fluids, i.e., liquids,
slurries, gases, and steam.
❏ Short straight runs
By the unique flow contraction theory, the required straight runs
both for upstream and downstream are less than 1/5 of those required
for traditional orifice plates and vortex flowmeters. The narrow
installation space allows simple and flexible piping arrangement
plan. It leads cost saving for plant design and construction.
❏ Stable differential pressure output signal
The structure which takes out a secondary pressure from the
cone central part realizes a stable differential pressure.
Stable measurement is assured if the differential pressure across
the meter is more than 0.025kPa.
❏ Wide rangeability
Since the differential pressure created by V-cone flowmeter at low
flow is stable, it can measure the flow rate in the range of the turn
down ratio10:1 with the standard maximum differential pressure
value.
❏ Low pressure loss
Since the differential pressure created by the meter is small, low
pressure loss measurement is realized to save total energy consumption
in the plants.
❏ High reliability
V shape cone has durable structure against wear or adhesion.
Moreover, it is maintenance-free because of structure without a
moving part.
For a long period of time, reliable flow rate measurement is assured.




Similar Part No. - VC-1201-50

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
VC-1.25 JST-VC-1.25 Datasheet
85Kb / 1P
BUTT
logo
List of Unclassifed Man...
VC-1034-21-180 ETC2-VC-1034-21-180 Datasheet
98Kb / 2P
CORDSET - EUROPEAN RUSSIAN DETACHABLE POWER SUPPLY CORD
VC-1434-21-180 ETC2-VC-1434-21-180 Datasheet
92Kb / 2P
CORDSET -AUSTRALIAN / NEW ZEALAND DETACHABLE POWER SUPPLY CORD
logo
Volex plc.
VC-1434-21-180 VOLEX-VC-1434-21-180 Datasheet
92Kb / 1P
CORDSET - AUSTRALIAN / NEW ZEALAND DETACHABLE POWER SUPPLY CORD (1.8M)
06/17/09 REV 1
logo
List of Unclassifed Man...
VC-1734-21-180 ETC2-VC-1734-21-180 Datasheet
119Kb / 2P
BRITISH DETACHABLE POWER SUPPLY CORD
More results


Similar Description - VC-1201-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-61H FUJI-EDS6-61H Datasheet
471Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
EDS6-122A FUJI-EDS6-122A Datasheet
215Kb / 12P
VORTEX FLOWMETER (DELTA FLOWPET)
logo
List of Unclassifed Man...
ABS-205 ETC1-ABS-205 Datasheet
714Kb / 2P
Speaker - Mylar Cone
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1170 TTELEC-DS1170 Datasheet
428Kb / 2P
Platon Anaesthetic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com