Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3264AD Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP3264AD Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP3264AD
Download  IP3264AD Download
File Size   2878.68 Kbytes
Page   23 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description 4–5 Cell Li-ion/Polymer Battery Protector

IP3264AD Datasheet (PDF)

Go To PDF Page Download Datasheet
IP3264AD Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP3264AD
Download  IP3264AD Click to download

File Size   2878.68 Kbytes
Page   23 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description 4–5 Cell Li-ion/Polymer Battery Protector

IP3264AD Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP3264AD Product details

Features
 High-precision cell voltage detection:
 Overcharge detection voltage VOVN (N = 1–5): 3.55V – 4.60V
10mV steps, accuracy ±25mV
 Overcharge release voltage VOVRN (N = 1–5): 3.30V – 4.60V
Accuracy ±25mV
 Over-discharge detection voltage VUVN (N = 1–5): 2.00V – 3.20V
10mV steps, accuracy ±50mV
 Over-discharge release voltage VUVRN (N = 1–5): 2.00V – 3.40V
Accuracy ±50mV
 Independent 3-stage discharge overcurrent detection:
 Discharge overcurrent 1 detection voltage VDOC1: 0.020V – 0.300V
5mV steps, accuracy ±10mV
 Discharge overcurrent 2 detection voltage VDOC2: 0.04V – 0.60V
10mV steps, accuracy ±20mV
 Discharge short-circuit detection voltage VSC: 0.06V – 1.20V
20mV steps, accuracy ±40mV
 Charging overcurrent detection function:
 Charging overcurrent detection voltage (VCOC): -0.020V to -0.300V
Step size: 5mV; accuracy: ±10mV
 Supports battery NTC over-temperature and under-temperature protection
 Independent FET drivers for charge (CO) and discharge (DO), with CO and DO voltages clamped at 11V
 Supports separate-port (split-port) configuration on the negative terminal
 Wide VDD operating voltage range: 3V to 30V
 Quiescent current: 10μA (normal mode)
1μA (sleep mode)
 Open-wire (OW) detection function
 High absolute maximum voltage rating: 32V
 Allows charging of 0V (depleted) batteries
 Charge/discharge status detection
 Selectable sleep function
 Discharge FET (DO) can be externally controlled via CTLD
 Wide operating temperature range: -40°C to +85°C
 Package: SOP16

Applications
 Lithium-ion rechargeable battery packs
 Lithium-polymer rechargeable battery packs
 Power tools, electric robots, vacuum cleaners, e-bikes, etc.




Similar Part No. - IP3264AD

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP3265 INJOINIC-IP3265 Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
IP3265AA INJOINIC-IP3265AA Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
IP3265AB INJOINIC-IP3265AB Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
IP3265AC INJOINIC-IP3265AC Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
IP3265AD INJOINIC-IP3265AD Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
More results


Similar Description - IP3264AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
LI-ION BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
Li-Ion Battery Protector
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0008A TMT-T63H0008A Datasheet
341Kb / 20P
Li-Ion/Polymer Battery for one-cell Protector
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Eutech Microelectronics...
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
LI-ION/POLYMER TWO CELL PROTECTOR
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
LI-ION/POLYMER ONE CELL PROTECTOR
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
Dual-cell Li-ion/Li-polymer battery protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com