Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF-3000 Datasheet (PDF) - TOKYO KEISO CO.,LTD.

VF-3000 Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # VF-3000
Download  VF-3000 Download
File Size   143.65 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Vortex Flow Sensor

VF-3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
VF-3000 Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # VF-3000
Download  VF-3000 Click to download

File Size   143.65 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Vortex Flow Sensor

VF-3000 Datasheet (HTML) - TOKYO KEISO CO.,LTD.


VF-3000 Product details

FEATURES
❏ Wide flow range enough to cover minimum 0.3 L/min and
maximum 150L/min.
❏ Designed for Cleanness
Sensor body is made of New PFA (420HP-J). All PFA fused
construction version has been lined up and designed to eliminate
the deposit.
❏ No Maintenance Cost
Since the VF-3000 has no moving parts, no maintenance is
needed.
❏ Simple and Compact Design
The VF-3000 Flow Sensor is assembled with a few pieces of
components. The sensor body and Shedder bar (vortex generator)
are molded as one component. This design approach has
reduced the cost as well as the size and weight of the flowmeter.
❏ CE Marking
The VF-3000 meets the EMC directive for CE mark.
❏ 3 models are lined-up.
The function can be selected depending upon the application.
Display + Current output model
4 to 20mA output (3-wire), LED indicator, 2 points alarm output
(Open collector)
Current output model
4 to 20mA output (3-wire)
Pulse output model
Open collector output (Unscaled pulse)
 The flow range of All PFA fused construction version is 0.3 to
2.5L/min, 0.5 to 4L/min or 15 to 150L/min.




Similar Part No. - VF-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VF-381064-10-X MACOM-VF-381064-10-X Datasheet
2Mb / 48P
Label format - Old format order code cross reference
VF-381127-5-X MACOM-VF-381127-5-X Datasheet
2Mb / 48P
Label format - Old format order code cross reference
VF-381191-5-X MACOM-VF-381191-5-X Datasheet
2Mb / 48P
Label format - Old format order code cross reference
logo
fujitsu semiconductor
VF-3HU FUJITSU-VF-3HU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VF-3LU FUJITSU-VF-3LU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
More results


Similar Description - VF-3000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
84F SCHNEIDER-84F Datasheet
173Kb / 1P
Vortex flowmeters, Flow, HART
Apr 26, 2022
84FNPT SCHNEIDER-84FNPT Datasheet
98Kb / 1P
Vortex flowmeters, Flow, Male NPT
Apr 26, 2022
logo
Festo Corporation.
610916 FESTO-610916 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158411 FESTO-8158411 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158419 FESTO-8158419 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158422 FESTO-8158422 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158423 FESTO-8158423 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158425 FESTO-8158425 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158426 FESTO-8158426 Datasheet
101Kb / 3P
Flow sensor
7/13/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com