Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J177CFT Datasheet (PDF) - InterFET Corporation

J177CFT Datasheet PDF - InterFET Corporation
Part # J177CFT
Download  J177CFT Download
File Size   617.68 Kbytes
Page   7 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description P-Channel JFET

J177CFT Datasheet (PDF)

Go To PDF Page Download Datasheet
J177CFT Datasheet PDF - InterFET Corporation

Part # J177CFT
Download  J177CFT Click to download

File Size   617.68 Kbytes
Page   7 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description P-Channel JFET

J177CFT Datasheet (HTML) - InterFET Corporation


J177CFT Product details

Features
• InterFET P0099F Geometry
• Low noise: 2.0 nV/√Hz typical
• High gain: 10mS typical
• Low gate leakage: 2.5pA typical @10V
• Typical IDSS: 10mA
• Typical BVGSS: -55V
• High radiation tolerance
• RoHS, REACH, CMR compliant
• Custom test and binning options available
• SMT, TH, and bare die package options
• SPICE Edge case modeling: InterFET SPICE

Applications
• General: Amplifiers; Switches; Voltage regulators; Oscillators; Signal mixers; Noise generators
• Military/Aero: Radar; Communications; Satellites; Missiles guidance; Hydrophone preamplifiers
• Medical: Medical imaging systems; Medical monitors and recorders; Ultrasound equipment
• Audio: Tone control circuits; Headphone amplifiers; Audio filters; Electret Microphone

Description
The 30V InterFET J176 and J177 are very low leakage low noise P-channel JFETs targeted for high gain
switching, commutator, and chopper applications. Gate leakages are typically less 3pA at room temperatures.
The J177 has a cutoff voltage of less than 2.25V ideal for low-level power supplies. Proprietary InterFET
processes yield exceptionally high radiation tolerance.




Similar Part No. - J177CFT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J177 PHILIPS-J177 Datasheet
33Kb / 6P
P-channel silicon field-effect transistors
April 1995
logo
Fairchild Semiconductor
J177 FAIRCHILD-J177 Datasheet
58Kb / 5P
P-Channel Switch
logo
Calogic, LLC
J177 CALOGIC-J177 Datasheet
23Kb / 2P
P-Channel JFET Switch
logo
Linear Integrated Syste...
J177 LINEAR-J177 Datasheet
237Kb / 2P
SINGLE P-CHANNEL JFET SWITCH
logo
Vishay Siliconix
J177 VISHAY-J177 Datasheet
55Kb / 6P
P-Channel JFETs
04-Jun-01
More results


Similar Description - J177CFT

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J270 CALOGIC-J270 Datasheet
22Kb / 2P
P-Channel JFET
logo
Micross Components
J174_TO-92 MICROSS-J174_TO-92 Datasheet
304Kb / 1P
P-CHANNEL JFET
LS5115_TO-18 MICROSS-LS5115_TO-18 Datasheet
309Kb / 1P
P-CHANNEL JFET
LS5116_SOT-23 MICROSS-LS5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
LS5116_TO-18 MICROSS-LS5116_TO-18 Datasheet
283Kb / 1P
P-CHANNEL JFET
LSJ174_TO-18 MICROSS-LSJ174_TO-18 Datasheet
306Kb / 1P
P-CHANNEL JFET
LSJ177_SOT-23 MICROSS-LSJ177_SOT-23 Datasheet
301Kb / 1P
P-CHANNEL JFET
SST5115_SOT-23 MICROSS-SST5115_SOT-23 Datasheet
304Kb / 1P
P-CHANNEL JFET
SST5116_SOT-23 MICROSS-SST5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5116 NJSEMI-2N5116 Datasheet
78Kb / 1P
P-CHANNEL JFET
More results




About InterFET Corporation


InterFET Corporation is a semiconductor company that specializes in the design and manufacture of high-performance, precision, and low-noise analog transistors. They offer a wide range of products including JFETs (Junction Field-Effect Transistors), MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors), and other specialized transistors.

InterFET serves a variety of industries, including aerospace, medical, military, and telecommunications. Their transistors are used in a variety of applications such as signal amplification, filtering, voltage regulation, and precision measurement.

The company was founded in 1981 and is headquartered in California, USA. They have a strong commitment to research and development, and are dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, InterFET also provides customized solutions to meet specific customer requirements.

Overall, InterFET is a trusted and reliable supplier of high-performance analog transistors, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com