Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14E6 Datasheet (PDF) - Microchip Technology

MCP14E6 Datasheet PDF - Microchip Technology
Part # MCP14E6
Download  MCP14E6 Download
File Size   857.46 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.0A Dual High-Speed Power MOSFET Driver With Enable

MCP14E6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP14E6 Datasheet PDF - Microchip Technology

Part # MCP14E6
Download  MCP14E6 Click to download

File Size   857.46 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.0A Dual High-Speed Power MOSFET Driver With Enable

MCP14E6 Datasheet (HTML) - Microchip Technology


MCP14E6 Product details

Features
• High Peak Output Current: 2.0A (typical)
• Independent Enable Function for Each Driver
Output
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• High Capacitive Load Drive Capability:
- tR: 12 ns with 1000 pF load (typical)
- tF: 15 ns with 1000 pF load (typical)
• Short Delay Times: 45 ns (typical)
• Low Supply Current:
- With Logic ‘1’ Input/Enable – 1 mA (typical)
- With Logic ‘0’ Input/Enable – 300 μA (typical)
• Latch-up Protected: Passed JEDEC JESD78A
• Logic Input will Withstand Negative Swing,
up to 5V
• Space-Saving Packages:
- 8-Lead SOIC, PDIP, 6x5 DFN

Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Motor and Solenoid Drive

General Description
The MCP14E6/7/8 devices are high-speed MOSFET
drivers, capable of providing 2.0A of peak current. The
dual inverting, dual non-inverting and complementary
outputs are directly controlled from either TTL or
CMOS (3V to 18V). These devices also feature low
shoot-through current, fast rise/fall times and
propagation delays, which make them ideal for high
switching frequency applications.
The MCP14E6/7/8 devices operate from a 4.5V to 18V
single power supply and can easily charge and
discharge 1000 pF of MOSFET gate capacitance. They
provide low enough impedances, in both the ON and
OFF states, to ensure the MOSFETs’ intended state
will not be affected, even by large transients.
The additional control of the MCP14E6/7/8 outputs is
allowed by the use of separate enable functions. The
ENB_A and ENB_B pins are active-high and are
internally pulled up to VDD. The pins may be left floating
for standard operation.
The MCP14E6/7/8 dual output, 2.0A driver family is
offered in both surface-mount and pin-through-hole
packages with a -40oC to +125oC temperature rating.
The low thermal resistance of the thermally enhanced
DFN package allows greater power dissipation
capability for driving heavier capacitive or resistive
loads.
These devices are highly latch-up resistant under any
conditions within their power and voltage ratings. They
are not subject to damage when up to 5V of noise
spiking (of either polarity) occurs on the ground pin.
The devices are fully latch-up protected when tested
according to JEDEC JESD78A. All terminals are fully
protected against Electrostatic Discharge (ESD), up to
4 kV (HBM) or 400V (MM).




Similar Part No. - MCP14E6

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E6T MICROCHIP-MCP14E6T Datasheet
877Kb / 30P
2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
More results


Similar Description - MCP14E6

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
338Kb / 15P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
October 12, 2010
logo
Microchip Technology
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
logo
Microchip Technology
MCP14E5-E MICROCHIP-MCP14E5-E Datasheet
411Kb / 26P
4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163_15 Datasheet
446Kb / 15P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
September 30, 2015
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
logo
Renesas Technology Corp
ISL89163 RENESAS-ISL89163 Datasheet
757Kb / 16P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com