Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1112A Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM1112A Datasheet PDF - National Semiconductor (TI)
Part # LM1112A_V01
Download  LM1112A Download
File Size   195.15 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description DolbyÉ B-Type Noise Reduction Processor

LM1112A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1112A Datasheet PDF - National Semiconductor (TI)

Part # LM1112A_V01
Download  LM1112A Click to download

File Size   195.15 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description DolbyÉ B-Type Noise Reduction Processor

LM1112A Datasheet (HTML) - National Semiconductor (TI)


LM1112A Product details

Features
Y Very high signal/noise ratio, 74 dB encode
(CCIR/ARM)
Y Wide supply voltage range, 6V to 20V
Y Very close matching to standard Dolby characteristics
Y Audible switch-on transients greatly reduced
Y Improved temperature performance
Y Reduced number of precision external components
Y Improved transient stability
Y Input protection diodes

General Description
The LM1112 is a monolithic integrated circuit specifically
designed to realize the Dolby B-type noise reduction system.
It is a replacement for the LM1111 and the Signetics NE-
645/648 but with improved performance figures.




Similar Part No. - LM1112A_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1112AN NSC-LM1112AN Datasheet
203Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
More results


Similar Description - LM1112A_V01

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2063A NJRC-NJM2063A Datasheet
116Kb / 2P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
NJM2065A NJRC-NJM2065A Datasheet
132Kb / 3P
DOLBY B-C TYPE NOISE REDUCTION PROCESSOR?
NJM2185A NJRC-NJM2185A Datasheet
175Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
NJM2186 NJRC-NJM2186 Datasheet
81Kb / 11P
DOLBY S-TYPE NOISE REDUCTION PROCESSOR
logo
NTE Electronics
NTE2003 NTE-NTE2003 Datasheet
23Kb / 2P
Integrated Circuit Dolby B-Type Noise Reduction Processor
logo
Sony Corporation
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
Dolby S type Noise Reduction Processor
logo
Samsung semiconductor
KA2271 SAMSUNG-KA2271 Datasheet
289Kb / 7P
DOLBY B TYPE NOISE REDUCTION PROCESSOR
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
LM1131 NSC-LM1131 Datasheet
186Kb / 5P
DUAL DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
Noise Reduction Processor
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com