Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4054 Datasheet (PDF) - Lowpower Semiconductor inc

LR4054 Datasheet PDF - Lowpower Semiconductor inc
Part # LR4054
Download  LR4054 Download
File Size   458.14 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 500mA Standalone Linear Li-Ion Battery Charger

LR4054 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR4054 Datasheet PDF - Lowpower Semiconductor inc

Part # LR4054
Download  LR4054 Click to download

File Size   458.14 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 500mA Standalone Linear Li-Ion Battery Charger

LR4054 Datasheet (HTML) - Lowpower Semiconductor inc


LR4054 Product details

General Description
The LP4054 is a complete constant-current/constant- voltage
linear charger for single cell lithium-ion batteries. Its SOT23-5
package and low external component count make the LP4054
ideally suited for portable applications. Furthermore, the
LP4054 is specifically designed to work within USB power
specifications. No external sense resistor is needed, and no
blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge current to
limit the die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V, and
the charge current can be programmed externally with a single
resistor. The LP4054 automatically terminates the charge cycle
when the charge current drops to 1/10th the programmed value
after the final float voltage is reached. When the input supply
(wall adapter or USB supply) is removed, the LP4054
automatically enters a low current state, dropping the battery
drain current to less than 1μA. Other features include charge
current monitor, automatic recharge and a status pin to indicate
charge termination and the presence of an input voltage.

Applications
 Portable Media Players/MP3 players
 Cellular and Smart mobile phone
 PDA/DSC
 Bluetooth Applications

Features
 Programmable Charge Current Up to 500mA
 No MOSFET, Sense Resistor or Blocking Diode Required
 Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize
 Charge Rate Without Risk of Overheating
 4.2V Charge Voltage with ± 1% Accuracy
 Charge Current Monitor Output for Gas Gauging
 Automatic Recharge
 2.9V Trickle Charge Threshold
 C/10 Charge Termination
 Output OCP
 Charging OTP
 Package in SOT23-5




Similar Part No. - LR4054

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LR401 POLYFET-LR401 Datasheet
35Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LR401 POLYFET-LR401_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
TONE DIALER LSI
LR4087BN SHARP-LR4087BN Datasheet
433Kb / 7P
TONE DIALER LSI
LR4089B SHARP-LR4089B Datasheet
320Kb / 6P
Tone Dialer LSI
More results


Similar Description - LR4054

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8057 SHOUDING-SD8057 Datasheet
1Mb / 12P
500mA Linear Li-Ion Battery Charger
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
logo
Shenzhen Tuofeng Semico...
TF4054A TUOFENG-TF4054A Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Dec,2019 V2.3
TF4057 TUOFENG-TF4057 Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Apr,2020 V1.4
logo
TECH PUBLIC Electronics...
TP4057 TECHPUBLIC-TP4057 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.06.15
TP4057S6 TECHPUBLIC-TP4057S6 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.6.15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com