Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2643 Datasheet (PDF) - Infinite Electronics International, Inc.

ST2643 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST2643
Download  ST2643 Download
File Size   472.73 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 0.25 Watts To 26.5 GHz Gold Plated Beryl­ lium Copper SMP Female

ST2643 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2643 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST2643
Download  ST2643 Click to download

File Size   472.73 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 0.25 Watts To 26.5 GHz Gold Plated Beryl­ lium Copper SMP Female

ST2643 Datasheet (HTML) - Infinite Electronics International, Inc.


ST2643 Product details

Features
• DC to 26.5 GHz Frequency Range
• VSWR 1.35:1 Max
• Max Power 0.25 Watt (CW)
• SMP Female Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST2643

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST2645 FAIRVIEW-ST2645 Datasheet
688Kb / 4P
ST2645 DATA SHEET RF Load 0.5 Watts to 26.5 GHz Gold Plated Beryllium Copper SMP Female
REV 2.2
ST2649 FAIRVIEW-ST2649 Datasheet
39Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM THREAD SIZE 10-48 UNS-2A
REV A
More results


Similar Description - ST2643

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6181 PASTERNACK-PE6181 Datasheet
218Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper SMP Female RF Load Up To 26.5 GHz
PE6182 PASTERNACK-PE6182 Datasheet
219Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 40 GHz
PE6183 PASTERNACK-PE6183 Datasheet
244Kb / 3P
50 Ohm 0.5 Watts Beryllium Copper SMP Female RF Load Up To 18 GHz
PE6184 PASTERNACK-PE6184 Datasheet
213Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 18 GHz
PE6160 PASTERNACK-PE6160_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6162 PASTERNACK-PE6162_16 Datasheet
425Kb / 4P
0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryllium Copper
PE6181 PASTERNACK-PE6181_17 Datasheet
354Kb / 3P
SMP Female Input Gold Plated Beryllium Copper
PE6183 PASTERNACK-PE6183_16 Datasheet
421Kb / 3P
0.5 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Beryllium Copper
PE6184 PASTERNACK-PE6184_16 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 18 GHz With Mini SMP Female Input Gold Plated Beryllium Copper
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com