Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2653 Datasheet (PDF) - Infinite Electronics International, Inc.

ST2653 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST2653
Download  ST2653 Download
File Size   458.71 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 27 GHz Gold Plated Stainless Steel SMA Male

ST2653 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2653 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST2653
Download  ST2653 Click to download

File Size   458.71 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 27 GHz Gold Plated Stainless Steel SMA Male

ST2653 Datasheet (HTML) - Infinite Electronics International, Inc.


ST2653 Product details

Features
• DC to 27 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 1 Watt (CW)
• SMA Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST2653

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST2650 FAIRVIEW-ST2650 Datasheet
508Kb / 4P
RF Load 1 Watts To 26.5 GHz Gold Plated Stainless Steel SMA Male
REV 3.0
ST2658C FAIRVIEW-ST2658C Datasheet
505Kb / 3P
ST2658C DATA SHEET RF Load 1 Watts To 26.5 GHz With Chain Passivated Stainless Steel SMA Male
REV 2.0
ST2659 FAIRVIEW-ST2659 Datasheet
520Kb / 4P
RF Load 1 Watts To 26.5 GHz Passivated Stainless Steel SMA Male
REV 2.0
More results


Similar Description - ST2653

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6073 PASTERNACK-PE6073 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6096 PASTERNACK-PE6096 Datasheet
244Kb / 3P
50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6199 PASTERNACK-PE6199 Datasheet
238Kb / 2P
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PE6069 PASTERNACK-PE6069_17 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
PE6071 PASTERNACK-PE6071_16 Datasheet
423Kb / 3P
1 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6077 PASTERNACK-PE6077_16 Datasheet
425Kb / 4P
1 Watt RF Load Up to 26.5 GHz With SMA Male Input Passivated Stainless Steel
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com