Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3D512 Datasheet (PDF) - Infinite Electronics International, Inc.

ST3D512 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST3D512
Download  ST3D512 Download
File Size   459.58 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 50 Watts Medium Power To 2.7 GHz Black Anodized Aluminum Heatsink 7/16 DIN Male

ST3D512 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3D512 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST3D512
Download  ST3D512 Click to download

File Size   459.58 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 50 Watts Medium Power To 2.7 GHz Black Anodized Aluminum Heatsink 7/16 DIN Male

ST3D512 Datasheet (HTML) - Infinite Electronics International, Inc.


ST3D512 Product details

Features
• DC to 2.7 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 50 Watts (CW)
• 7/16 DIN Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST3D512

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST3D514 FAIRVIEW-ST3D514 Datasheet
477Kb / 3P
RF Load 100 Watts High Power To 2.7 GHz Low PIM Paint Plated Aluminum 7/16 DIN Female
REV 1.0
More results


Similar Description - ST3D512

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6137 PASTERNACK-PE6137 Datasheet
255Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz
PE6217 PASTERNACK-PE6217 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6218 PASTERNACK-PE6218 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6185 PASTERNACK-PE6185 Datasheet
234Kb / 3P
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PE6189 PASTERNACK-PE6189 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6197 PASTERNACK-PE6197 Datasheet
200Kb / 3P
High Power 100 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Conduction Cooled Body Black Anodized Aluminum Heatsink
PE6238 PASTERNACK-PE6238 Datasheet
365Kb / 3P
Medium Power 50 Watts RF Load Up To 2.7 GHz With 7/16 DIN Male and Female Input Paint Plated Aluminum
PE6105 PASTERNACK-PE6105_16 Datasheet
427Kb / 4P
10 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Black Anodized Aluminum Heatsink
PE6107 PASTERNACK-PE6107_16 Datasheet
427Kb / 3P
25 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Square Body Black Anodized Aluminum Heatsink
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com