Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5041 Datasheet (PDF) - Infinite Electronics International, Inc.

ST5041 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST5041
Download  ST5041 Download
File Size   491.11 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 2 Watts To 50 GHz Passivated Stainless Steel 2.4mm Male

ST5041 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST5041 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST5041
Download  ST5041 Click to download

File Size   491.11 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 2 Watts To 50 GHz Passivated Stainless Steel 2.4mm Male

ST5041 Datasheet (HTML) - Infinite Electronics International, Inc.


ST5041 Product details

Features
• DC to 50 GHz Frequency Range
• VSWR 1.45:1 Max
• Max Power 2 Watts (CW)
• 2.4mm Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST5041

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST5041C FAIRVIEW-ST5041C Datasheet
85Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
More results


Similar Description - ST5041

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6096 PASTERNACK-PE6096 Datasheet
244Kb / 3P
50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6084 PASTERNACK-PE6084 Datasheet
215Kb / 2P
50 Ohm 2 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 18 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6227 PASTERNACK-PE6227 Datasheet
525Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6242 PASTERNACK-PE6242 Datasheet
328Kb / 2P
Low Power 2 Watts RF Load Up To 50 GHz With 2.4mm Male Input
PE6227 PASTERNACK-PE6227_17 Datasheet
379Kb / 4P
2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
PE6242 PASTERNACK-PE6242_16 Datasheet
447Kb / 4P
2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com