Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32901 Datasheet (PDF) - Shanghai awinic technology co.,ltd

AW32901 Datasheet PDF - Shanghai awinic technology co.,ltd
Part # AW32901
Download  AW32901 Download
File Size   872.04 Kbytes
Page   23 Pages
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd
Description Over-Voltage Protection Load Switch with Surge Protection

AW32901 Datasheet (PDF)

Go To PDF Page Download Datasheet
AW32901 Datasheet PDF - Shanghai awinic technology co.,ltd

Part # AW32901
Download  AW32901 Click to download

File Size   872.04 Kbytes
Page   23 Pages
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd
Description Over-Voltage Protection Load Switch with Surge Protection

AW32901 Datasheet (HTML) - Shanghai awinic technology co.,ltd


AW32901 Product details

FEATURES
 Highly reliable 1.3mm × 1.8mm FCQFN-12
package
 Surge protection
 IEC 61000-4-5: > 120V
 Integrated low Rdson nFET switch: typical 27m
 5A continuous current capability
 Default Over-Voltage Protection (OVP) threshold
 AW32901: 5.95V
 AW32902: 6.2V
 AW32905: 6.8V
 AW32909: 9.98V
 AW32910: 10.5V
 AW32912: 14V
 OVP threshold adjustable range: 4V to 20V
 Input system ESD protection
 IEC 61000-4-2 Contact discharge: ±8kV
 IEC 61000-4-2 Air gap discharge: ±15kV
 Input maximum voltage rating: 29VDC
 Fast turn-off response: typical 50ns
 Over-Temperature Protection (OTP)
 Under-Voltage Lockout (UVLO)

APPLICATIONS
 Smartphones
 Tablets
 Charging Ports

GENERAL DESCRIPTION
The AW329xx family OVP load switch features
surge protection, an internal clamp circuit protects
the device from surge voltages up to 120V.
The AW329xx features an ultra-low 27m (typ.)
Rdson nFET load switch. When input voltage
exceeds the OVP threshold, the switch is turned off
very fast to prevent damage to the protected
downstream devices. The IN pin is capable of
withstanding fault voltages up to 29VDC.
The default OVP threshold is 5.95V (AW32901),
6.2V (AW32902), 6.8V (AW32905), 9.98V
(AW32909), 10.5V (AW32910) and 14V
(AW32912), the OVP threshold can be adjusted
from 4V to 20V through external OVLO pin.
The device features an open-drain output ACOK,
when VIN_UVLO < VIN < VIN_OVLO and the switch is
on, ACOK will be driven low to indicate a good
power input, otherwise it is high impedance.
This device features over-temperature protection
that prevents itself from thermal damaging.
The AW329xx is available in a RoHS compliant
1.3mm × 1.8mm FCQFN-12 package.




Similar Part No. - AW32901

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AW3200 SEOUL-AW3200 Datasheet
673Kb / 22P
compliantFeaturesApplications?ъ쭊Acriche series
AW3200 SEOUL-AW3200 Datasheet
595Kb / 19P
Acriche series
AW3200 SEOUL-AW3200 Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AW3201 SEOUL-AW3201 Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
Shanghai awinic technol...
AW3206 AWINIC-AW3206 Datasheet
1Mb / 14P
LIthIum-IonIzed P-MOSFET LIthIum Battery Charge
More results


Similar Description - AW32901

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
Over-Voltage Protection Load Switch with Surge Protection
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
Over-Voltage Protection Load Switch
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
logo
Shanghai Leiditech Elec...
OVPXXS120 LEIDITECH-OVPXXS120 Datasheet
1Mb / 20P
Ovre-Voltage Protection Load Switch with Surge Protection
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
logo
Kinetic Technologies.
KTS1685 KINETIC-KTS1685 Datasheet
581Kb / 10P
Surge Protected Load Switch with Over-Voltage Protection
August 2020 - Revision 04c
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com