Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC5266 Datasheet (PDF) - OCX semiconductor

OC5266 Datasheet PDF - OCX semiconductor
Part # OC5266
Download  OC5266 Download
File Size   660.32 Kbytes
Page   9 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description 60V High-Side Current-Sensing Buck LED Constant-Current Driver

OC5266 Datasheet (PDF)

Go To PDF Page Download Datasheet
OC5266 Datasheet PDF - OCX semiconductor

Part # OC5266
Download  OC5266 Click to download

File Size   660.32 Kbytes
Page   9 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description 60V High-Side Current-Sensing Buck LED Constant-Current Driver

OC5266 Datasheet (HTML) - OCX semiconductor


OC5266 Product details

Features
◆ External NMOS driver output pin
◆ High efficiency: 96%
◆ Excellent load and line regulation
◆ High-side current sensing
◆ Maximum brightness control frequency: 20 kHz
◆ Hysteresis control; no loop compensation required
◆ Maximum operating frequency: 1 MHz
◆ Current accuracy: ±3%
◆ Wide input voltage range: 5.5 V to 60 V
◆ Intelligent over-temperature protection
◆ Low dropout with no overshoot

Applications
◆ LED backup lights, signal lights
◆ Low-voltage LED spotlights (halogen replacements)
◆ Automotive lighting




Similar Part No. - OC5266

ManufacturerPart #DatasheetDescription
logo
OCX semiconductor
OC5266B OCX-OC5266B Datasheet
661Kb / 10P
65V High-End Current Sensing Step-Down LED Constant Current Driver
More results


Similar Description - OC5266

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
Constant Current Buck LED Driver
logo
Supertex, Inc
AT9919 SUTEX-AT9919 Datasheet
726Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
HV9918 SUTEX-HV9918 Datasheet
477Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
logo
Microchip Technology
HV9919B MICROCHIP-HV9919B Datasheet
352Kb / 13P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
07/14/15
AT9919 MICROCHIP-AT9919 Datasheet
504Kb / 16P
Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
06/23/16
logo
ON Semiconductor
FL7760 ONSEMI-FL7760 Datasheet
327Kb / 13P
High-Side Sensing Constant Current Buck Controller
April, 2018 ??Rev. 4
logo
Recom International Pow...
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
Constant Current Buck LED Driver
logo
Maxic Technology Corpor...
MT771XL MAXIC-MT771XL Datasheet
227Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT777XH MAXIC-MT777XH Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com