Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2904 Datasheet (PDF) - New Japan Radio

NJM2904 Datasheet PDF - New Japan Radio
Part # NJM2904
Download  NJM2904 Download
File Size   297.66 Kbytes
Page   6 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER

NJM2904 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2904 Datasheet PDF - New Japan Radio

Part # NJM2904
Download  NJM2904 Click to download

File Size   297.66 Kbytes
Page   6 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER

NJM2904 Datasheet (HTML) - New Japan Radio


NJM2904 Product details

■ GENERAL DESCRIPTION
The NJM2904 consists of two independent, high gain,
internally frequency compensated operation amplifiers, which
were designed specifically to operate from a single power
supply over a wide range of voltages. Operation from split
power supplies is also possible and the low power supply
current drain is independent of the magnitude of the power
supply voltage.
Application areas include transducer amplifiers, DC gain
blocks, and all the conventional op amp circuits, which now can
be more easily implemented in single power supply systems.
For example, the NJM2904 can be directly operated off of the
standard +5V power supply voltage, which is used in digital
systems and will easily provide the required interface electronics
without requiring the additional ±15V power supplies.

■ FEATURES
● Single Supply
● Operating Voltage +3V~+32V
● Low Operating Current 0.7mA typ.
● Slew Rate 0.5V/μs typ.
● Bipolar Technology
● Package Outline DIP8, DMP8, SSOP8, SIP8, SOP8 JEDEC 150mil
MSOP8 (VSP8) MEET JEDEC MO-187-DA
MSOP8 (TVSP8) MEET JEDEC MO-187-DA / THIN TYPE




Similar Part No. - NJM2904

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
NJM2904 NJRC-NJM2904 Datasheet
206Kb / 4P
SINGLE-SUPPLY DUAL COMPARATOR
Ver.2012-09-14
logo
Nisshinbo Micro Devices...
NJM2904 NISSHINBO-NJM2904 Datasheet
251Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
20250305
NJM2904B NISSHINBO-NJM2904B Datasheet
1Mb / 23P
High EMC Performance, Single Supply, Operational Amplifier
September 15, 2022 Ver. 1.0
NJM2904BR-T1 NISSHINBO-NJM2904BR-T1 Datasheet
1Mb / 23P
High EMC Performance, Single Supply, Operational Amplifier
September 15, 2022 Ver. 1.0
More results


Similar Description - NJM2904

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM3404A NJRC-NJM3404A Datasheet
228Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER?
logo
Analog Devices
SSM2135 AD-SSM2135 Datasheet
299Kb / 12P
Dual Single-Supply Audio Operational Amplifier
REV.D
logo
Burr-Brown (TI)
OPA2634 BURR-BROWN-OPA2634 Datasheet
143Kb / 16P
Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135 AD-SSM2135_03 Datasheet
468Kb / 16P
Dual Single-Supply Audio Operational Amplifier
REV. E
logo
Unisonic Technologies
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
logo
New Japan Radio
NJM2904M-TE1 NJRC-NJM2904M-TE1 Datasheet
207Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
NJM2904C NJRC-NJM2904C Datasheet
781Kb / 10P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com