Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM9001 Datasheet (PDF) - Shaanxi Reactor Microelectronics Co., Ltd.

RM9001 Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Part # RM9001
Download  RM9001 Download
File Size   730.7 Kbytes
Page   6 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description Three-stage constant-power, low-THD, high-voltage LED driver IC

RM9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM9001 Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.

Part # RM9001
Download  RM9001 Click to download

File Size   730.7 Kbytes
Page   6 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description Three-stage constant-power, low-THD, high-voltage LED driver IC

RM9001 Datasheet (HTML) - Shaanxi Reactor Microelectronics Co., Ltd.


RM9001 Product details

Applications:
 High-power LED lighting products
 LED floodlights, streetlights, downlights, etc.
 Other LED lighting applications

Key Features:
 Optimized LED drive current achieves ultra-low THD, meeting certification requirements
 Constant power compensation function
 Simple peripheral circuitry; requires no electrolytic capacitors or magnetic components
 Supports parallel operation of multiple chips
 Flexible configuration for 3-segment LED strings
 Externally adjustable LED current
 Built-in over-temperature regulation
 ESOP8 package
 3-segment application eliminates the need for 0Ω jumpers




Similar Part No. - RM9001

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9001A REACTOR-RM9001A Datasheet
201Kb / 2P
High-voltage linear 220V/10W bulb lamp solution
RM9001A REACTOR-RM9001A Datasheet
250Kb / 2P
High-voltage linear 220V/12W flood light solution
RM9001A REACTOR-RM9001A Datasheet
302Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9001A REACTOR-RM9001A Datasheet
453Kb / 9P
Multi-stage constant current constant power LED control chip
Rev.17.06
RM9001AF REACTOR-RM9001AF Datasheet
453Kb / 9P
Multi-stage constant current constant power LED control chip
Rev.17.06
More results


Similar Description - RM9001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP12060 ETC1-LP12060 Datasheet
85Kb / 2P
High Power Constant Voltage LED Driver
EN-822-300-V2P1-SIMPLE ETC2-EN-822-300-V2P1-SIMPLE Datasheet
276Kb / 6P
Low THD, High Performance LED Driver
logo
Marl International Limi...
LP12060 MARL-LP12060 Datasheet
85Kb / 2P
High Power Constant Voltage LED Driver
logo
Taiwan Semiconductor Co...
TS19730 TSC-TS19730 Datasheet
361Kb / 7P
Single-Stage Low THD Buck-Boost PWM Control LED Driver
logo
Marl International Limi...
LP12060 MARL-LP12060_15 Datasheet
85Kb / 2P
High Power Constant Voltage LED Driver
logo
Maxic Technology Corpor...
MT7932 MAXIC-MT7932 Datasheet
181Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
MT79325 MAXIC-MT79325 Datasheet
172Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
MT79328 MAXIC-MT79328 Datasheet
172Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
logo
Shenzhen Huazhimei Semi...
HM6109 HMSEMI-HM6109 Datasheet
793Kb / 7P
Step-down high-power constant-current three-function LED driver IC
logo
Renesas Technology Corp
IW3671 RENESAS-IW3671 Datasheet
543Kb / 7P
Single-Stage, High PF, Low THD Constant-Voltage/Constant- Current AC/DC Controller for LED Lighting up to 100W
08-Nov-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com