Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

114 Datasheet (PDF) - CTS Corporation

114 Datasheet PDF - CTS Corporation
Part # 114
Download  114 Download
File Size   55.22 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Dual-In-Line Stratum 3 OCXO

114 Datasheet (PDF)

Go To PDF Page Download Datasheet
114 Datasheet PDF - CTS Corporation

Part # 114
Download  114 Click to download

File Size   55.22 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Dual-In-Line Stratum 3 OCXO

114 Datasheet (HTML) - CTS Corporation




Similar Part No. - 114

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
114 ARIES-114 Datasheet
782Kb / 2P
Easy Identification and Tracing with 10-color Cable
logo
Alpha Wire
114 ALPHAWIRE-114 Datasheet
100Kb / 4P
Customer Specification
8/29/2022
114 ALPHAWIRE-114 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
logo
France Joint
114 FRANCEJOINT-114 Datasheet
363Kb / 3P
STATIC SEALS
logo
Abbatron All Rights Res...
114 ABBATRON-114 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 114

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10S AXTAL-AXIOM10S Datasheet
53Kb / 2P
OCXO in SMD package for Stratum III and Stratum IIIe
2005-07-15
logo
CTS Corporation
112 CTS-112 Datasheet
63Kb / 3P
22x25mm Stratum 3 OCXO
117 CTS-117 Datasheet
103Kb / 4P
1?쓝1??Stratum 3 OCXO
03-42126 CTS-03-42126 Datasheet
55Kb / 2P
Dual-In-Line 20.0 MHz Stratum 3 OCXO
logo
Connor-Winfield Corpora...
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
logo
Golledge Electronics Lt...
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
OCXOWST GOLLEDGE-OCXOWST Datasheet
143Kb / 2P
3.3V OCXO CMOS Output Stratum 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com