Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM6893M Datasheet (PDF) - Sanken electric

SIM6893M Datasheet PDF - Sanken electric
Part # SIM6893M
Download  SIM6893M Download
File Size   1006.63 Kbytes
Page   55 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 600 V High Voltage 3-phase Motor Drivers

SIM6893M Datasheet (PDF)

Go To PDF Page Download Datasheet
SIM6893M Datasheet PDF - Sanken electric

Part # SIM6893M
Download  SIM6893M Click to download

File Size   1006.63 Kbytes
Page   55 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 600 V High Voltage 3-phase Motor Drivers

SIM6893M Datasheet (HTML) - Sanken electric


SIM6893M Product details

Description
The SIM689xM series are high voltage 3-phase motor
drivers in which transistors, pre-drive circuits, and
bootstrap circuits (diodes and resistors) are highly
integrated. These products can optimally control the
inverter systems of low- to medium-capacity motors that
require universal input standards.

Features
● Pb-free (RoHS Compliant)
● Temperature Sensing Function
● Built-in Bootstrap Diodes with Current Limiting
Resistors (60 Ω)
● CMOS-compatible Input (3.3 V or 5 V)
● Isolation Voltage: 1500 V (for 1 min)
UL-recognized Component (File No.: E118037)
● Fault Signal Output at Protection Activation (FO Pin)
● Protections Include:
Overcurrent Protection (OCP): Auto-restart
Undervoltage Lockout for Power Supply
High-side (UVLO_VB): Auto-restart
Low-side (UVLO_VCC): Auto-restart
Thermal Shutdown (TSD): Auto-restart

Applications
For motor drives such as:
● Refrigerator Compressor Motor
● Fan Motor and Pump Motor for Washer and Dryer
● Fan Motor for Air Conditioner
● Fan Motor for Air Purifier




Similar Part No. - SIM6893M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6811M SANKEN-SIM6811M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6811M SANKEN-SIM6811M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
High Voltage 3-Phase Motor Driver ICs
More results


Similar Description - SIM6893M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
High Voltage 3-Phase Motor Drivers
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
High Voltage 3-Phase Motor Drivers
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
High Voltage 3-Phase Motor Drivers
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
High Voltage 3-Phase Motor Drivers
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
High Voltage 3-Phase Motor Drivers
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
High Voltage 3-Phase Motor Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com