Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1835 Datasheet (PDF) - Infinite Electronics International, Inc.

ST1835 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST1835
Download  ST1835 Download
File Size   489.39 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 18 GHz Passivated Stainless Steel SSMA Male

ST1835 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1835 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST1835
Download  ST1835 Click to download

File Size   489.39 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 18 GHz Passivated Stainless Steel SSMA Male

ST1835 Datasheet (HTML) - Infinite Electronics International, Inc.


ST1835 Product details

Features
• DC to 18 GHz Frequency Range
• VSWR 1.35:1 Max
• Max Power 1 Watt (CW)
• SSMA Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST1835

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST1831 FAIRVIEW-ST1831 Datasheet
87Kb / 1P
SMA MALE PUSH ON TERMINATION 18 GHZ REV -- FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
logo
International Rectifier
ST183C IRF-ST183C Datasheet
426Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
196Kb / 10P
INVERTER GRADE THYRISTORS
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
ST183C08CHK0LP VISHAY-ST183C08CHK0LP Datasheet
151Kb / 9P
Inverter Grade Thyristors (Hockey PUK Version), 370 A
30-Apr-08
More results


Similar Description - ST1835

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6073 PASTERNACK-PE6073 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6096 PASTERNACK-PE6096 Datasheet
244Kb / 3P
50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6069 PASTERNACK-PE6069_17 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
PE6071 PASTERNACK-PE6071_16 Datasheet
423Kb / 3P
1 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6072 PASTERNACK-PE6072_17 Datasheet
359Kb / 3P
1 Watt RF Load With Chain Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6081 PASTERNACK-PE6081_16 Datasheet
424Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6089 PASTERNACK-PE6089_16 Datasheet
425Kb / 4P
2 Watt RF Load Up to 18 GHz With TNC Male Input Passivated Stainless Steel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com