Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9ZML1233EKILF Datasheet (PDF) - Renesas Technology Corp

9ZML1233EKILF Datasheet PDF - Renesas Technology Corp
Part # 9ZML1233EKILF
Download  9ZML1233EKILF Download
File Size   670.99 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI

9ZML1233EKILF Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZML1233EKILF Datasheet PDF - Renesas Technology Corp

Part # 9ZML1233EKILF
Download  9ZML1233EKILF Click to download

File Size   670.99 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI

9ZML1233EKILF Datasheet (HTML) - Renesas Technology Corp


9ZML1233EKILF Product details

▪ SMBus write lock feature; increases system security
▪ 2 software-configurable input-to-output delay lines; manage
transport delay for complex topologies
▪ LP-HCSL outputs; eliminate 24 resistors, save 41mm2 of area (1233E)
▪ LP-HCSL outputs with 85Ω Zout; eliminate 48 resistors, save
82mm2 of area (1253E)
▪ 12 OE# pins; hardware control of each output
▪ 3 selectable SMBus addresses; multiple devices can share same SMBus segment
▪ Selectable PLL bandwidths; minimizes jitter peaking in
cascaded PLL topologies
▪ Hardware/SMBus control of PLL bandwidth and bypass;
change mode without power cycle
▪ Spread spectrum compatible; tracks spreading input clock for
EMI reduction
▪ 100MHz PLL Mode; UPI support
▪ 10 x 10 mm 72-VFQFPN package; small board footprint




Similar Part No. - 9ZML1233EKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1233EKILF IDT-9ZML1233EKILF Datasheet
408Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4
logo
Renesas Technology Corp
9ZML1233EKILF RENESAS-9ZML1233EKILF Datasheet
723Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZML1233EKILFT IDT-9ZML1233EKILFT Datasheet
408Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4
logo
Renesas Technology Corp
9ZML1233EKILFT RENESAS-9ZML1233EKILFT Datasheet
723Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
More results


Similar Description - 9ZML1233EKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
12-Output DB1200ZL for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZML1232E RENESAS-9ZML1232E Datasheet
711Kb / 20P
2:12 DB1200ZL Derivative for PCIe Gen1–4 and UPI
May 12, 2021
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com