Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81400000 Datasheet (PDF) - Pro-Power

81400000 Datasheet PDF - Pro-Power
Part # 81400000
Download  81400000 Download
File Size   111.85 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Lacing Cords

81400000 Datasheet (PDF)

Go To PDF Page Download Datasheet
81400000 Datasheet PDF - Pro-Power

Part # 81400000
Download  81400000 Click to download

File Size   111.85 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Lacing Cords

81400000 Datasheet (HTML) - Pro-Power


81400000 Product details

Features:
• Lacing cords are specifically designed for the lacing of cable forms
• The nylon braided core ensures high tensile strength with minor extensions but has
sufficient elasticity under low loads to make a neat cable form
• The outer P.V.C. sheath acts as a cushion preventing the cord from cutting into the
cable insulation and prevents rattling
• There is a maximum limit on tensile strength to prevent excessive tension in lacing up
• The braiding core stops any possibility of the lacing cord unwinding under tension
• Temperature range : 40°C to +85°C
• Tropical resistance humidity : Class H5
• Properties maintained after more than 21 days of tropical testing
• Does not support mould growth
• Wound on to cardboard spools with metal winder in 25 m, 50 m and 1,000 m reels

Description
Lacing Cord, 1 mm, 25 m




Similar Part No. - 81400000

ManufacturerPart #DatasheetDescription
logo
Pro-Power
81400000 PROPOWER-81400000 Datasheet
153Kb / 1P
Lacing Cord
V1.0 25/05/23
logo
Littelfuse
81400000005 LITTELFUSE-81400000005 Datasheet
913Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
12/19/19
More results


Similar Description - 81400000

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
International Power Cords
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
Replacement Power Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
Bertech.
FGC151M BERTECH-FGC151M Datasheet
109Kb / 1P
Low Profile Ground Cords
logo
Kendall Howard
1903-1-100-00 KENDALLHOWARD-1903-1-100-00 Datasheet
70Kb / 1P
Bar - Horizontal Lacing
1903-1-001-01 KENDALLHOWARD-1903-1-001-01 Datasheet
71Kb / 1P
Panel-1U cable lacing
1903-1-002-02 KENDALLHOWARD-1903-1-002-02 Datasheet
76Kb / 1P
Panel - 2U cabel lacing
1903-1-101-00 KENDALLHOWARD-1903-1-101-00 Datasheet
71Kb / 1P
Bar - 3" Horizontal Lacing
1903-1-112-00 KENDALLHOWARD-1903-1-112-00 Datasheet
71Kb / 1P
Bar - 5" Horizontal Lacing (10 PACK)
1903-1-200-01 KENDALLHOWARD-1903-1-200-01 Datasheet
74Kb / 1P
Shelf - 1U Cable Lacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com