Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE12 Datasheet (PDF) - FLEXTRAL

PE12 Datasheet PDF - FLEXTRAL
Part # PE12
Download  PE12 Download
File Size   314.23 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description PE12 Petro-Flex Corrugated Tank Truck

PE12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE12 Datasheet PDF - FLEXTRAL

Part # PE12
Download  PE12 Click to download

File Size   314.23 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description PE12 Petro-Flex Corrugated Tank Truck

PE12 Datasheet (HTML) - FLEXTRAL


PE12 Product details

Application:
For use with petroleum based products with an aromatic content of up to 50%. An all purpose
petroleum suction and discharge hose for tank truck and in plant operations to transfer gasoline,
kerosene, diesel, fats, grease, animal, and vegetable oils. May also be used for oil field wastes and
water.




Similar Part No. - PE12

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PE1206DKE070R001L YAGEO-PE1206DKE070R001L Datasheet
890Kb / 12P
CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE1206DKE070R1L YAGEO-PE1206DKE070R1L Datasheet
890Kb / 12P
CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE1206DKE070R91L YAGEO-PE1206DKE070R91L Datasheet
890Kb / 12P
CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE1206DKE470R001L YAGEO-PE1206DKE470R001L Datasheet
890Kb / 12P
CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE1206DKE470R1L YAGEO-PE1206DKE470R1L Datasheet
890Kb / 12P
CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
More results


Similar Description - PE12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0003 RFMD-AN0003 Datasheet
34Kb / 4P
A Quick Guide to Tank Circuits
logo
Richco, Inc.
CT-4 RICHCO-CT-4 Datasheet
51Kb / 1P
CORRUGATED TUBE
logo
List of Unclassifed Man...
TAT400 ETC2-TAT400 Datasheet
309Kb / 1P
Tank Immersion Heaters General Purpose Tank or Reservoir Water
logo
Ralston Instruments.
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
logo
TE Connectivity Ltd
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
logo
List of Unclassifed Man...
47553 ETC-47553 Datasheet
248Kb / 1P
Universal Organizer, Corrugated
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
logo
Heyco.
8478 HEYCO-8478 Datasheet
154Kb / 1P
Heyco-Flex™ III Nylon 94V-0 Corrugated Liquid Tight Tubing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com