Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2290 Datasheet (PDF) - United Monolithic Semiconductors

CHA2290 Datasheet PDF - United Monolithic Semiconductors
Part # CHA2290
Download  CHA2290 Download
File Size   128.84 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 10-18GHz Low Noise, Variable Gain Amplifier

CHA2290 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA2290 Datasheet PDF - United Monolithic Semiconductors

Part # CHA2290
Download  CHA2290 Click to download

File Size   128.84 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 10-18GHz Low Noise, Variable Gain Amplifier

CHA2290 Datasheet (HTML) - United Monolithic Semiconductors


CHA2290 Product details

Description
The CHA2290 is a high gain four-stage monolithic low noise amplifier with variable gain. It is designed for a wide range of applications, from military to commercial communication systems. The backside of the chip is both RF and DC grounded. This helps to simplify the assembly process.

Main Features
• Frequency range : 10 -18GHz
• 2.2dB Noise Figure.
• 25dB gain
• Gain control range: 25dB
• DC power consumption: 180mA @ 5V
• Chip size : 2.49 X 1.23 X 0.10 mm




Similar Part No. - CHA2290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2291 UMS-CHA2291 Datasheet
136Kb / 6P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291 UMS-CHA2291 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291-99F/00 UMS-CHA2291-99F/00 Datasheet
136Kb / 6P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291-99F/00 UMS-CHA2291-99F/00 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291 UMS-CHA2291_07 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
More results


Similar Description - CHA2290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2291 UMS-CHA2291 Datasheet
136Kb / 6P
10-18GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
6-18GHz Low Noise Digital Variable Amplifier
CHA2291 UMS-CHA2291_07 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
6-18GHz Low Noise Digital Variable Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com