Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9515 Datasheet (PDF) - Maxim Integrated Products

MAX9515 Datasheet PDF - Maxim Integrated Products
Part # MAX9515
Download  MAX9515 Download
File Size   275.9 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 2V/V Gain

MAX9515 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9515 Datasheet PDF - Maxim Integrated Products

Part # MAX9515
Download  MAX9515 Click to download

File Size   275.9 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 2V/V Gain

MAX9515 Datasheet (HTML) - Maxim Integrated Products


MAX9515 Product details

General Description
Packaged in a 1mm x 1mm UCSP™ with 4 bumps, the MAX9515 is an ultra-small standard-definition video filter amplifier with automatic shutdown.
The automatic shutdown circuitry eliminates the need for a shutdown control. This feature provides intelligent power management by disabling the filter and output amplifier in the absence of a video input signal and/or an output video load. At shutdown, the device only consumes 5µA.

Features
♦ Ultra-Small, 4-Bump, 1mm x 1mm UCSP
♦ Automatic Shutdown
♦ DC-Coupled Input and Output
♦ 2.7V to 3.6V Single-Supply Operation
♦ Reconstruction Filter with 9MHz Passband and
   50dB Attenuation at 27MHz
♦ 5µA Shutdown Supply Current

Applications
   Digital Still Cameras (DSC)
   Mobile Phones
   Digital Video Camcorders (DVC)
   Portable or Space-Constrained Applications




Similar Part No. - MAX9515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9515 MAXIM-MAX9515 Datasheet
82Kb / 6P
Surface-Mount Components
Rev 0; 2/08
MAX9515 MAXIM-MAX9515 Datasheet
168Kb / 6P
Surface-Mount Components
Rev 0; 5/07
MAX9515EVKIT MAXIM-MAX9515EVKIT Datasheet
82Kb / 6P
Surface-Mount Components
Rev 0; 2/08
MAX9515EVKIT+ MAXIM-MAX9515EVKIT+ Datasheet
82Kb / 6P
Surface-Mount Components
Rev 0; 2/08
MAX9515EVKIT+ MAXIM-MAX9515EVKIT+ Datasheet
168Kb / 6P
Surface-Mount Components
Rev 0; 5/07
More results


Similar Description - MAX9515

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
logo
Maxim Integrated Produc...
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
3-Channel ED Filter Video Amplifier with 4-V/V Gain
logo
NTE Electronics
NTE3160 NTE-NTE3160 Datasheet
74Kb / 2P
Light Emitting Diode - 1mm x 5mm
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
3V Video Amplifier with 6dB Gain and Filter
logo
LUMEX INC.
SSL-LX15583GD LUMEX-SSL-LX15583GD Datasheet
53Kb / 1P
1mm X 5mm Rectangular LED
SSL-LX15583ID LUMEX-SSL-LX15583ID Datasheet
53Kb / 1P
1mm X 5mm Rectangular LED
logo
Harwin Plc
D3082-05 HARWIN-D3082-05 Datasheet
60Kb / 1P
1mm SHORTING LINK
D3083-46 HARWIN-D3083-46 Datasheet
60Kb / 1P
1mm SHORTING LINK
logo
Maxim Integrated Produc...
MAX9519 MAXIM-MAX9519 Datasheet
332Kb / 9P
1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 4V/V Gain
19-4231; Rev 0; 8/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com