Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSARE021SCG080CWRA01 Datasheet (PDF) - Taiyo Yuden (U.S.A.), Inc

MSARE021SCG080CWRA01 Datasheet PDF - Taiyo Yuden (U.S.A.), Inc
Part # MSARE021SCG080CWRA01
Download  MSARE021SCG080CWRA01 Download
File Size   414.75 Kbytes
Page   3 Pages
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc
Description High frequency/Low loss Multilayer Ceramic Capacitors for General Purpose

MSARE021SCG080CWRA01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSARE021SCG080CWRA01 Datasheet PDF - Taiyo Yuden (U.S.A.), Inc

Part # MSARE021SCG080CWRA01
Download  MSARE021SCG080CWRA01 Click to download

File Size   414.75 Kbytes
Page   3 Pages
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc
Description High frequency/Low loss Multilayer Ceramic Capacitors for General Purpose

MSARE021SCG080CWRA01 Datasheet (HTML) - Taiyo Yuden (U.S.A.), Inc


MSARE021SCG080CWRA01 Product details

Features
- Item Summary: 8pF±0.25pF, 16V,
- C0G/CG, 008004/0201 (EIA/JIS): Lifecycle Stage
- Mass Production (Preferred): Standard packaging quantity (minimum)
- Taping Embossed 50000pcs




Similar Part No. - MSARE021SCG080CWRA01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MSARE021SCG080BWRA01 TAIYO-YUDEN-MSARE021SCG080BWRA01 Datasheet
415Kb / 3P
High frequency/Low loss Multilayer Ceramic Capacitors for General Purpose
MSARE021SCG080DWRA01 TAIYO-YUDEN-MSARE021SCG080DWRA01 Datasheet
415Kb / 3P
High frequency/Low loss Multilayer Ceramic Capacitors for General Purpose
More results


Similar Description - MSARE021SCG080CWRA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM185R60G106ME15 MURATA-GRM185R60G106ME15 Datasheet
778Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM31C5C1H563JA01 MURATA-GRM31C5C1H563JA01 Datasheet
784Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM42A5C3F150JW01 MURATA-GRM42A5C3F150JW01 Datasheet
1Mb / 28P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM42A5C3F180JW01 MURATA-GRM42A5C3F180JW01 Datasheet
1Mb / 28P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM31CR6YA106MA12 MURATA-GRM31CR6YA106MA12 Datasheet
779Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM32ER71C226KEA8 MURATA-GRM32ER71C226KEA8 Datasheet
780Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM155R71E103MA01 MURATA-GRM155R71E103MA01 Datasheet
782Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM188R61A475ME15 MURATA-GRM188R61A475ME15 Datasheet
796Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM011R60J102KE01 MURATA-GRM011R60J102KE01 Datasheet
777Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM011R60J332KE01 MURATA-GRM011R60J332KE01 Datasheet
797Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com