Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1P-Z Datasheet (PDF) - AIMTEC

AM1P-Z Datasheet PDF - AIMTEC
Part # AM1P-Z_V01
Download  AM1P-Z Download
File Size   428.53 Kbytes
Page   7 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 1 Watt | DC-DC Converter

AM1P-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
AM1P-Z Datasheet PDF - AIMTEC

Part # AM1P-Z_V01
Download  AM1P-Z Click to download

File Size   428.53 Kbytes
Page   7 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 1 Watt | DC-DC Converter

AM1P-Z Datasheet (HTML) - AIMTEC


AM1P-Z Product details

FEATURES:
• RoHS compliant
• Operating temperature -40oC to + 85oC
• 8 Pin DIP Package
• Input / Output Isolation 1000 & 3000VDC
• Low ripple and noise
• Pin compatible with multiple manufacturers
• High efficiency up to 85%




Similar Part No. - AM1P-Z_V01

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1P-Z AIMTEC-AM1P-Z_13 Datasheet
463Kb / 4P
1 Watt | DC-DC Converter
More results


Similar Description - AM1P-Z_V01

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
1 Watt | DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com