Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2DS-Z Datasheet (PDF) - AIMTEC

AM2DS-Z Datasheet PDF - AIMTEC
Part # AM2DS-Z_V01
Download  AM2DS-Z Download
File Size   314.25 Kbytes
Page   4 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 2 Watt | DC-DC Converter

AM2DS-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2DS-Z Datasheet PDF - AIMTEC

Part # AM2DS-Z_V01
Download  AM2DS-Z Click to download

File Size   314.25 Kbytes
Page   4 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 2 Watt | DC-DC Converter

AM2DS-Z Datasheet (HTML) - AIMTEC


AM2DS-Z Product details

FEATURES:
• RoHS compliant SIP7 package • Low Ripple and Noise
• High efficiency up to 80% • Continuous Short Circuit Protection
• I/O Isolation 5200 VDC • Low coupling capacity
• Rated working voltage 250VAC
and 400VDC




Similar Part No. - AM2DS-Z_V01

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2DS-Z AIMTEC-AM2DS-Z Datasheet
151Kb / 3P
RoHS compliant SIP7 package
More results


Similar Description - AM2DS-Z_V01

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ_13 Datasheet
241Kb / 3P
2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
2 Watt | DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com