Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2LS-0507SJZ Datasheet (PDF) - AIMTEC

AM2LS-0507SJZ Datasheet PDF - AIMTEC
Part # AM2LS-0507SJZ
Download  AM2LS-0507SJZ Download
File Size   1249.03 Kbytes
Page   8 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description DC-DC Converter

AM2LS-0507SJZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2LS-0507SJZ Datasheet PDF - AIMTEC

Part # AM2LS-0507SJZ
Download  AM2LS-0507SJZ Click to download

File Size   1249.03 Kbytes
Page   8 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description DC-DC Converter

AM2LS-0507SJZ Datasheet (HTML) - AIMTEC


AM2LS-0507SJZ Product details

Features
High I/O Isolation 1500VDC & 3000VDC
Continuous Short circuit protection
Operating Temp: -40 °C to +105 °C
Low profile case height: 7.25mm
Compact footprint and high-power Density
Efficiency up to 86%
Unregulated output




Similar Part No. - AM2LS-0507SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2LS-0503S-NZ AIMTEC-AM2LS-0503S-NZ Datasheet
208Kb / 4P
Input / Output Isolation 1500 and 3000 VDC
AM2LS-0503S-NZ AIMTEC-AM2LS-0503S-NZ Datasheet
200Kb / 3P
2 Watt | DC-DC Converter
AM2LS-0505S-NZ AIMTEC-AM2LS-0505S-NZ Datasheet
208Kb / 4P
Input / Output Isolation 1500 and 3000 VDC
AM2LS-0505S-NZ AIMTEC-AM2LS-0505S-NZ Datasheet
200Kb / 3P
2 Watt | DC-DC Converter
AM2LS-0509S-NZ AIMTEC-AM2LS-0509S-NZ Datasheet
208Kb / 4P
Input / Output Isolation 1500 and 3000 VDC
More results


Similar Description - AM2LS-0507SJZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com