Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

LLDB3 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # LLDB3_V01
Download  LLDB3 Download
File Size   1389.89 Kbytes
Page   3 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SILICON BIDIRECTIONAL DIAC

LLDB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LLDB3 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # LLDB3_V01
Download  LLDB3 Click to download

File Size   1389.89 Kbytes
Page   3 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SILICON BIDIRECTIONAL DIAC

LLDB3 Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


LLDB3 Product details

Features
VBO : 32V
Breakover voltage range : 28 to 36V

Applications
Functioning as a trigger diode with a fixed voltage
reference, the DB3 can be used in conjunction
with triacs for simplified gate control circuits or as
a starting element in fluorescent lamp ballasts.




Similar Part No. - LLDB3_V01

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLDB3-L1 TSC-LLDB3-L1 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3-N0L1G TSC-LLDB3-N0L1G Datasheet
171Kb / 5P
150mW Bi-directional Trigger Diode
logo
Micro Commercial Compon...
LLDB3-TP MCC-LLDB3-TP Datasheet
338Kb / 3P
SILICON SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
LLDB3L1 TSC-LLDB3L1 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
LLDB3L1 TSC-LLDB3L1 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
More results


Similar Description - LLDB3_V01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com