Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMED120-48SJZ. Datasheet (PDF) - AIMTEC

AMED120-48SJZ. Datasheet PDF - AIMTEC
Part # AMED120-48SJZ.
Download  AMED120-48SJZ. Download
File Size   1260.4 Kbytes
Page   4 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description AC-DC Converter

AMED120-48SJZ. Datasheet (PDF)

Go To PDF Page Download Datasheet
AMED120-48SJZ. Datasheet PDF - AIMTEC

Part # AMED120-48SJZ.
Download  AMED120-48SJZ. Click to download

File Size   1260.4 Kbytes
Page   4 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description AC-DC Converter

AMED120-48SJZ. Datasheet (HTML) - AIMTEC


AMED120-48SJZ. Product details

Features
• Universal Input: 90 - 264VAC/127 - 370VDC
• Operating Temp: -20 °C to +60 °C
• High isolation voltage: 4000VAC
• Low ripple & noise, 150mV(p-p), max.
• Output short circuit, over-current, over-voltage,
over-temperature protection




Similar Part No. - AMED120-48SJZ.

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMED125 AIMTEC-AMED125 Datasheet
316Kb / 2P
125 Watt (Din Rail) AC/DC Converter
AMED125-12S AIMTEC-AMED125-12S Datasheet
316Kb / 2P
125 Watt (Din Rail) AC/DC Converter
AMED125-15S AIMTEC-AMED125-15S Datasheet
316Kb / 2P
125 Watt (Din Rail) AC/DC Converter
AMED125-24S AIMTEC-AMED125-24S Datasheet
316Kb / 2P
125 Watt (Din Rail) AC/DC Converter
AMED125-3.3S AIMTEC-AMED125-3.3S Datasheet
316Kb / 2P
125 Watt (Din Rail) AC/DC Converter
More results


Similar Description - AMED120-48SJZ.

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com