Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6813MP Datasheet (PDF) - Allegro MicroSystems

SMA6813MP Datasheet PDF - Allegro MicroSystems
Part # SMA6813MP
Download  SMA6813MP Download
File Size   504.03 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Voltage 3-Phase Motor Driver

SMA6813MP Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA6813MP Datasheet PDF - Allegro MicroSystems

Part # SMA6813MP
Download  SMA6813MP Click to download

File Size   504.03 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Voltage 3-Phase Motor Driver

SMA6813MP Datasheet (HTML) - Allegro MicroSystems


SMA6813MP Product details

Features and Benefits
▪ Built-in pre-drive IC
▪ CMOS compatible input (5 V)
▪ High-side gate driver using bootstrap circuit or floating
power supply
▪ Built-in protection circuit for controlling power supply
voltage drop
▪ Overcurrent protection circuit (OCP)
▪ Output of fault signal during operation of protection circuit
▪ Output current 2.5 A
▪ Small SIP (SMA 23-pin)




Similar Part No. - SMA6813MP

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6821MH SANKEN-SMA6821MH Datasheet
185Kb / 11P
High Voltage 3-Phase Motor Drivers
SMA6821MH SANKEN-SMA6821MH Datasheet
751Kb / 18P
250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
High Voltage 3-Phase Motor Driver
More results


Similar Description - SMA6813MP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
High Voltage 3 Phase Motor Driver
logo
Sanken electric
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
High Voltage 3-Phase Motor Driver
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
High Voltage 3-Phase Motor Driver
SCM1103M SANKEN-SCM1103M Datasheet
403Kb / 12P
High Voltage 3 Phase Motor Driver
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
High Voltage 3-Phase Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com