Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

557M-01LFT Datasheet (PDF) - Renesas Technology Corp

557M-01LFT Datasheet PDF - Renesas Technology Corp
Part # 557M-01LFT
Download  557M-01LFT Download
File Size   278.29 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI-EXPRESS GEN1 CLOCK SOURCE

557M-01LFT Datasheet (PDF)

Go To PDF Page Download Datasheet
557M-01LFT Datasheet PDF - Renesas Technology Corp

Part # 557M-01LFT
Download  557M-01LFT Click to download

File Size   278.29 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI-EXPRESS GEN1 CLOCK SOURCE

557M-01LFT Datasheet (HTML) - Renesas Technology Corp


557M-01LFT Product details

• Supports PCI-ExpressTM HCSL Outputs
0.7 V current mode differential pair
• Supports LVDS Output Levels
• Packaged in 8-pin SOIC
• RoHS 5 (green) or RoHS 6 (green and lead free)
compliant packaging
• Operating voltage of 3.3 V
• Low power consumption
• Input frequency of 25 MHz
• Short term jitter 100 ps (peak-to-peak)
• Output Enable via pin selection
• Industrial temperature range available
• For PCIe Gen2 applications, see the 5V41064
• For PCIe Gen3 applications, see the 5V41234




Similar Part No. - 557M-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
557M-01LFT IDT-557M-01LFT Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
557M-01LFT RENESAS-557M-01LFT Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
More results


Similar Description - 557M-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
PCI-EXPRESS CLOCK SOURCE
Revision 061005
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
PCI-EXPRESS CLOCK SOURCE
ICS557-05A IDT-ICS557-05A Datasheet
308Kb / 12P
QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com