Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7008123 Datasheet (PDF) - ledxon GmbH

7008123 Datasheet PDF - ledxon GmbH
Part # 7008123
Download  7008123 Download
File Size   129.65 Kbytes
Page   5 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Recessed spotlight flat, 6W 620lm CRI80 3000K 40° black

7008123 Datasheet (PDF)

Go To PDF Page Download Datasheet
7008123 Datasheet PDF - ledxon GmbH

Part # 7008123
Download  7008123 Click to download

File Size   129.65 Kbytes
Page   5 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Recessed spotlight flat, 6W 620lm CRI80 3000K 40° black

7008123 Datasheet (HTML) - ledxon GmbH


7008123 Product details

FEATURES
Product group Downlight/spot/floodlight (EC001744)
Suitable for wall mounting No
Exchangeable control gear No
Dimming DALI-2 No
Suitable for traverse mounting No
Suitable for pedestal/floor mounting No
Suitable for light-track mounting No
Suitable for clamp-mounting No
Suitable for low voltage cable system No
Lamp type LED not exchangeable
Suitable for number of light sources 1
Housing colour Black




Similar Part No. - 7008123

ManufacturerPart #DatasheetDescription
logo
ledxon GmbH
7008121 LEDXON-7008121 Datasheet
115Kb / 5P
Recessed spotlight swivelable, 12W 1150lm CRI80 3000K 40° black
7008122 LEDXON-7008122 Datasheet
115Kb / 5P
Recessed spotlight swivelable, 12W 1190lm CRI80 4000K 40° black
7008124 LEDXON-7008124 Datasheet
129Kb / 5P
Recessed spotlight flat, 6W 620lm CRI80 4000K 40° black
7008126 LEDXON-7008126 Datasheet
115Kb / 5P
Recessed spotlight Flex, 8W 744lm CRI92 2700K-4000K 36° white / Silver
7008127 LEDXON-7008127 Datasheet
116Kb / 5P
Recessed spotlight Flex, 8W 744lm CRI92 2700K-4000K 36° black / Silver
More results


Similar Description - 7008123

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-40-F-300 ASSMANN-AWG28-40-F-300 Datasheet
48Kb / 1P
Flat Ribbon Cable - 40 Conductors,
AWG28-40-G-300 ASSMANN-AWG28-40-G-300 Datasheet
48Kb / 1P
Flat Ribbon Cable - 40 Conductors,
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
logo
Satco Products, Inc.
S6766 SATCO-S6766 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8666 SATCO-S8666 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
logo
Keystone Electronics Co...
9500 KEYSTONE-9500 Datasheet
237Kb / 1P
4-40 FLAT HEAD SCREW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com