Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB22 Datasheet (PDF) - Pro-Power

NB22 Datasheet PDF - Pro-Power
Part # NB22
Download  NB22 Download
File Size   896.77 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Cable Tie Mounting Bases

NB22 Datasheet (PDF)

Go To PDF Page Download Datasheet
NB22 Datasheet PDF - Pro-Power

Part # NB22
Download  NB22 Click to download

File Size   896.77 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Cable Tie Mounting Bases

NB22 Datasheet (HTML) - Pro-Power


NB22 Product details

Features:
•
Natural or Black Nylon 66 mounting bases with self-adhesive or central screw fixing options
•
Accepts ties from all four sides
•
Operating temperature : -40°C to +85°C

Description
Cable Tie Mount




Similar Part No. - NB22

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NB20 AVX-NB20 Datasheet
200Kb / 5P
NTC SMD Thermistors With Nickel Barrier Termination
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
NTC SMD Thermistors
NB20K00103MBB AVX-NB20K00103MBB Datasheet
200Kb / 5P
NTC SMD Thermistors
NB20K00103MBD AVX-NB20K00103MBD Datasheet
200Kb / 5P
NTC SMD Thermistors
NB20K00103MBE AVX-NB20K00103MBE Datasheet
200Kb / 5P
NTC SMD Thermistors
More results


Similar Description - NB22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
151-28349 ETC2-151-28349 Datasheet
102Kb / 1P
Cable Tie Mount s
481-0200 ETC2-481-0200 Datasheet
113Kb / 2P
Screw Mount Cable Tie
561-N3000 ETC2-561-N3000 Datasheet
131Kb / 2P
Cable Tie Tensioning Tool
561-N3500 ETC2-561-N3500 Datasheet
184Kb / 2P
Nylon Wire Cable Tie
561-TA00600 ETC2-561-TA00600 Datasheet
134Kb / 2P
Cable Tie Holders
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
Molex Electronics Ltd.
19294-0002 MOLEX11-19294-0002 Datasheet
29Kb / 1P
Economy Cable Tie Tool
logo
OEN India Limited
04-04BD9 OENINDIA-04-04BD9 Datasheet
342Kb / 1P
Beaded Nylon Cable Tie
logo
Lapp.
62120321 LAPP-62120321 Datasheet
101Kb / 1P
Cable Tie Tool BASIC
02.05.2018
logo
CamdenBoss Ltd.
CRBC35 CAMDENBOSS-CRBC35 Datasheet
265Kb / 1P
1 & 2 Pole PCB Mounting Relay Bases
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com