Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7008066 Datasheet (PDF) - ledxon GmbH

7008066 Datasheet PDF - ledxon GmbH
Part # 7008066
Download  7008066 Download
File Size   114.07 Kbytes
Page   5 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Recessed spotlight, 9W 920lm CRI80 3000K 40° Nickel

7008066 Datasheet (PDF)

Go To PDF Page Download Datasheet
7008066 Datasheet PDF - ledxon GmbH

Part # 7008066
Download  7008066 Click to download

File Size   114.07 Kbytes
Page   5 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Recessed spotlight, 9W 920lm CRI80 3000K 40° Nickel

7008066 Datasheet (HTML) - ledxon GmbH


7008066 Product details

FEATURES
Product group Downlight/spot/floodlight (EC001744)
Suitable for wall mounting No
Exchangeable control gear No
Dimming DALI-2 No
Suitable for traverse mounting No
Suitable for pedestal/floor mounting No
Suitable for light-track mounting No
Suitable for clamp-mounting No
Suitable for low voltage cable system No
Lamp type LED not exchangeable
Suitable for number of light sources 1
Housing colour Nickel




Similar Part No. - 7008066

ManufacturerPart #DatasheetDescription
logo
ledxon GmbH
7008060 LEDXON-7008060 Datasheet
109Kb / 5P
Recessed spotlight, 9W 960lm CRI80 4000K 40° white
7008061 LEDXON-7008061 Datasheet
114Kb / 5P
Recessed spotlight, 9W 960lm CRI80 4000K 40° Chrom
7008062 LEDXON-7008062 Datasheet
114Kb / 5P
Recessed spotlight, 9W 960lm CRI80 4000K 40° Nickel
7008064 LEDXON-7008064 Datasheet
109Kb / 5P
Recessed spotlight, 9W 920lm CRI80 3000K 40° white
7008065 LEDXON-7008065 Datasheet
114Kb / 5P
Recessed spotlight, 9W 920lm CRI80 3000K 40° Chrom
More results


Similar Description - 7008066

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY267P POWERINT-TNY267P_1 Datasheet
424Kb / 20P
9W DVD power supply
logo
Rohm
BD28412MUV ROHM-BD28412MUV Datasheet
1Mb / 44P
9W9W Analog Input Class D Speaker Amplifier
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
logo
Satco Products, Inc.
S6766 SATCO-S6766 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8666 SATCO-S8666 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
logo
SparkFun Electronics
PRT-13784 SPARKFUN-PRT-13784 Datasheet
96Kb / 2P
Solar Panel - 9W
4/13/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com