Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6690 Datasheet (PDF) - Renesas Technology Corp

FN6690 Datasheet PDF - Renesas Technology Corp
Part # FN6690
Download  FN6690 Download
File Size   911.86 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function

FN6690 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN6690 Datasheet PDF - Renesas Technology Corp

Part # FN6690
Download  FN6690 Click to download

File Size   911.86 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function

FN6690 Datasheet (HTML) - Renesas Technology Corp


FN6690 Product details

• Pin Compatible to ST M41T00S and Maxim DS1340
• Functionality Equivalent to ST M41T00S and Maxim DS1340
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes, Seconds and Sub-seconds
- Day of the Week, Day, Month, and Year
• 512Hz Frequency Outputs for On-Chip Crystal Compensation
• Software Alarm
- Settable to the Second, Minute, Hour, Day of the Week, Day, or Month
• Automatic Low-Drop Battery Switch for Longest Backup Life
• Power Failure Detection
• Battery ReSeal™ for Long Shelf Life
• I2C Bus™
- 400kHz Data Transfer Rate
• 800nA Battery Supply Current
• Small Package Option
- 8 Ld SOIC
• Pb-Free (RoHS Compliant)




Similar Part No. - FN6690

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN660-1 ETC2-FN660-1 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-10 ETC2-FN660-10 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-16 ETC2-FN660-16 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-20 ETC2-FN660-20 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
More results


Similar Description - FN6690

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
I2C Real Time Clock with Battery Backup
September 26, 2008
logo
ATMEL Corporation
AT73C224-A ATMEL-AT73C224-A_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-B ATMEL-AT73C224-B_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-C ATMEL-AT73C224-C_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-D ATMEL-AT73C224-D_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-F ATMEL-AT73C224-F_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-G ATMEL-AT73C224-G_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
ISL12008 RENESAS-ISL12008 Datasheet
791Kb / 19P
Low Power RTC with Battery ReSeal??Function
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com