Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8709B Datasheet (PDF) - Maxim Integrated Products

MAX8709B Datasheet PDF - Maxim Integrated Products
Part # MAX8709B
Download  MAX8709B Download
File Size   990.49 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency CCFL Backlight Controller with SMBus Interface

MAX8709B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8709B Datasheet PDF - Maxim Integrated Products

Part # MAX8709B
Download  MAX8709B Click to download

File Size   990.49 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency CCFL Backlight Controller with SMBus Interface

MAX8709B Datasheet (HTML) - Maxim Integrated Products


MAX8709B Product details

General Description
The MAX8709B integrated backlight controller is optimized to drive cold-cathode fluorescent lamps(CCFLs) using a resonant full-bridge inverter architecture. The resonant operation maximizes striking capability and provides near-sinusoidal waveforms over the entire input range to improve CCFL lifetime. The controller operates over a wide input voltage range of 4.6V to 28V with high power-to-light efficiency. The device also includes safety features that effectively protect against many single-point fault conditions including lamp-out and short-circuit faults.

Features
♦ Synchronized to Resonant Frequency
   Longer Lamp Life
   Guaranteed Striking Capability
   High Power-to-Light Efficiency
♦ Wide Input Voltage Range (4.6V to 28V)
♦ Feed Forward for Excellent Line Rejection
♦ SMBus Dimming Control Interface
♦ 10:1 Dimming Range
♦ Guaranteed 200Hz to 220Hz DPWM Frequency
♦ Secondary Voltage Limit Reduces Transformer Stress
♦ Adjustable Lamp-Out Protection with 1s Timer
♦ Secondary Current Limit Protects Against High Voltage Short Circuits to Ground
♦ Small, 5mm x 5mm, Thin QFN Package

Applications
Notebook Computer Displays
LCD TVs
LCD Monitors
Automotive Displays
SMBus is a trademark of Intel Corp.




Similar Part No. - MAX8709B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8709 MAXIM-MAX8709 Datasheet
701Kb / 7P
7V to 24V Input Range
Rev 1; 4/04
MAX8709EVKIT MAXIM-MAX8709EVKIT Datasheet
701Kb / 7P
7V to 24V Input Range
Rev 1; 4/04
More results


Similar Description - MAX8709B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BIT3105 ETC-BIT3105 Datasheet
200Kb / 8P
High Efficiency ZVS CCFL Controller
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
CCFL BACKLIGHT CONTROLLER
logo
Maxim Integrated Produc...
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX1996A MAXIM-MAX1996A Datasheet
883Kb / 28P
High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
Rev 1; 10/02
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
Low-Cost, SMBus, CCFL Backlight Controller
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
CCFL Backlight Controller
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
Low-Cost CCFL Backlight Controller
Rev 3; 2/09
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com