Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7008205 Datasheet (PDF) - ledxon GmbH

7008205 Datasheet PDF - ledxon GmbH
Part # 7008205
Download  7008205 Download
File Size   149.92 Kbytes
Page   5 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Recessed luminaire OTL, 1,5W 80lm CRI80 3000K 100° Nickel square

7008205 Datasheet (PDF)

Go To PDF Page Download Datasheet
7008205 Datasheet PDF - ledxon GmbH

Part # 7008205
Download  7008205 Click to download

File Size   149.92 Kbytes
Page   5 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Recessed luminaire OTL, 1,5W 80lm CRI80 3000K 100° Nickel square

7008205 Datasheet (HTML) - ledxon GmbH


7008205 Product details

FEATURES
Product group Orientation luminaire (EC000481)
Exchangeable control gear No
Lamp type LED not exchangeable
Suitable for number of light sources 1
Housing material Plastic
Housing colour Nickel
With built-in installation box No
Voltage type AC
Nominal voltage 230 V
No dim function Yes
Light distribution Asymmetric
Rated lifetime L70/B50 at 25 °C 40,000 h
Degree of protection (IP) IP20




Similar Part No. - 7008205

ManufacturerPart #DatasheetDescription
logo
ledxon GmbH
7008203 LEDXON-7008203 Datasheet
110Kb / 5P
Recessed luminaire OTL, 1,5W 80lm CRI80 3000K 100° white square
7008204 LEDXON-7008204 Datasheet
155Kb / 5P
Recessed luminaire OTL, 1,5W 80lm CRI80 3000K 100° Aluminum square
7008206 LEDXON-7008206 Datasheet
111Kb / 5P
Recessed luminaire OTL, 1,5W 80lm CRI80 3000K 100° white round
7008207 LEDXON-7008207 Datasheet
141Kb / 5P
Recessed luminaire OTL, 1,5W 80lm CRI80 3000K 100° Aluminum round
7008208 LEDXON-7008208 Datasheet
144Kb / 5P
Recessed luminaire OTL, 1,5W 80lm CRI80 3000K 100° Nickel round
More results


Similar Description - 7008205

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1032 NTE-NTE1032 Datasheet
80Kb / 2P
Linear Integrated Circuit,OTL Audio Power Amp, 1W
logo
Lumins Inc.
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
Wall recessed mount
logo
Dialight Corporation
ESS-12-CW-SD DIALIGHT-ESS-12-CW-SD Datasheet
215Kb / 2P
ES Series White LED Luminaire
ESS-12-RGB-SD DIALIGHT-ESS-12-RGB-SD Datasheet
200Kb / 2P
ES Series RGB LED Luminaire
logo
Pasternack Enterprises,...
PE6232 PASTERNACK-PE6232_16 Datasheet
445Kb / 4P
SMA Female Input Square Body Nickel Plated Brass
logo
PowerDynamics, Inc
PD-CN-01 POWERDYNAMICS-PD-CN-01 Datasheet
295Kb / 1P
LUMINAIRE DISCONNECTOR 2X2 TYPE
PD-CN-02 POWERDYNAMICS-PD-CN-02 Datasheet
332Kb / 1P
LUMINAIRE DISCONNECTOR 2X4 TYPE
PD-CN-011 POWERDYNAMICS-PD-CN-011 Datasheet
259Kb / 1P
LUMINAIRE DISCONNECTOR 2X2 TYPE
PD-CN-012 POWERDYNAMICS-PD-CN-012 Datasheet
331Kb / 1P
LUMINAIRE DISCONNECTOR 2X2 TYPE
logo
Adels-Contact
040015 ADELS-040015 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors
06/01/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com