Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6359 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6359 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6359
Download  FMSW6359 Download
File Size   762.25 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW6359 DATA SHEET SPDT Latching DC to 18 GHz Terminated Electro- Mechanical Relay Switch, up to 90W, 28V, SMA

FMSW6359 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6359 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6359
Download  FMSW6359 Click to download

File Size   762.25 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW6359 DATA SHEET SPDT Latching DC to 18 GHz Terminated Electro- Mechanical Relay Switch, up to 90W, 28V, SMA

FMSW6359 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6359 Product details

Features
• operation. Impressive performance includes insertion loss less than 0.15 dB
• typical and isolation greater than 85 dB typical. The Latching actuator has 50 Ohm
• Terminations and a +28 Vdc bias voltage, and operates over a temperature range
• of -25°C to +70°C. The rugged and compact package assembly supports SMA
• Female connectors and a 9 Pin D-Sub Connector for DC Control. And for highly
• reliable operation, the model is guranteed to meet MIL-STD-202 environmental
• test conditions for shock and random vibration.
Features
• Single Pole Double Throw
• DC to 18 GHz Frequency Range
• Isolation greater than
• 85 dB typical
• 5M Cycle Min Operating Life
• +28 Volt DC
• 90 Watt average Power
• Latching Actuator
• Internally Terminated
• -25 to +70°C Operating
• Temperature
• Insertion Loss as low
• as 0.15 dB Max
• VSWR as low as 1.2:1 max
• SMA Female RF connectors
• 9 Pin D-Sub Connector
• for DC Control
• Hot Switching Capability
• - Consult Factory
• S-Parameter Data
• available upon request
• Applications:
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement




Similar Part No. - FMSW6359

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6350 FAIRVIEW-FMSW6350 Datasheet
713Kb / 5P
SPDT Failsafe DC to 18 GHz Electro-Mechanical Relay Switch, TTL, up to 90W, 12V, SMA
REV 1.0
FMSW6351 FAIRVIEW-FMSW6351 Datasheet
945Kb / 6P
FMSW6351 DATA SHEET SPDT Failsafe DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 12V, SMA
REV 1.1
FMSW6352 FAIRVIEW-FMSW6352 Datasheet
729Kb / 5P
FMSW6352 DATA SHEET SPDT Latching DC to 18 GHz Electro-Mechanical Relay Switch, up to 90W, 12V, SMA
REV 1.0
FMSW6353 FAIRVIEW-FMSW6353 Datasheet
752Kb / 5P
SPDT Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 12V, SMA
REV 1.0
FMSW6354 FAIRVIEW-FMSW6354 Datasheet
727Kb / 5P
SPDT Failsafe DC to 18 GHz Terminated Electro- Mechanical Relay Switch, up to 90W, 12V, SMA
REV 1.0
More results


Similar Description - FMSW6359

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-2007 HP-HMMC-2007 Datasheet
79Kb / 6P
DC-8 GHz Terminated SPDT Switch
logo
Pasternack Enterprises,...
PE7145 PASTERNACK-PE7145 Datasheet
274Kb / 1P
SMA SPDT RELAY SWITCH INDICATORS & PULSE LATCHING
PE7146 PASTERNACK-PE7146 Datasheet
273Kb / 1P
SMA SPDT RELAY SWITCH, INDICATORS & PULSE LATCHING
PE71S6102 PASTERNACK-PE71S6102 Datasheet
444Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6107 PASTERNACK-PE71S6107 Datasheet
454Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6155 PASTERNACK-PE71S6155 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6054 PASTERNACK-PE71S6054 Datasheet
393Kb / 4P
SPDT Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator with Indicators, Latching, Normally Open
PE71S6062 PASTERNACK-PE71S6062 Datasheet
397Kb / 4P
Transfer Terminated Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator, Latching, Normally Open
logo
Teledyne Technologies I...
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com